Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7322MME/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM7322MME/NOPB
Description  High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7322MME/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM7322MME/NOPB Datasheet HTML 17Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 18Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 19Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 20Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 21Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 22Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 23Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 24Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
LM7321, LM7322
www.ti.com
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
Figure 69. Buffer Amplifier Scope Photo
ESTIMATING THE OUTPUT VOLTAGE SWING
It is important to keep in mind that the steady state output current will be less than the current available when
there is an input overdrive present. For steady state conditions, the Output Voltage vs. Output Current plot
(Typical Performance Characteristics section) can be used to predict the output swing. Figure 70 and Figure 71
show this performance along with several load lines corresponding to loads tied between the output and ground.
In each cases, the intersection of the device plot at the appropriate temperature with the load line would be the
typical output swing possible for that load. For example, a 1 k
Ω load can accommodate an output swing to within
250 mV of V− and to 330 mV of V+ (VS = ±15V) corresponding to a typical 29.3 VPP unclipped swing.
Figure 70. Output Sourcing Characteristics with Load Lines
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com