Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASI10690 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASI10690
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASI10690 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASI10690 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 5 mA
30
V
BVCER
IC = 5 mA
RBE = 10
Ω
55
V
BVCBO
IC = 0.1 mA
55
V
BVEBO
IE = 0.1 mA
3.5
V
ICEO
VCE = 28 V
20
µµA
ICEX
VC = 55 V
VBE = -1.5 V
100
µµA
hFE
VCE = 5.0 V
IC = 50 mA
IC = 360 mA
10
5
200
---
---
COB
VCB = 28 V
f = 1.0 MHz
5.0
pF
PGE
ηη
D
VCC = 28 V
POUT = 1.0 W
f = 400 MHz
10
55
dB
%
NPN SILICON RF POWER TRANSISTOR
UML1T
DESCRIPTION:
The
ASI UML1T is Designed for
FEATURES:
•
•
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
0.4 A
VCBO
55 V
VCEO
30 V
VEBO
3.5 V
PDISS
5.0 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +200 OC
θθ
JC
35.0
OC/W
PACKAGE STYLE TO-39
ORDER CODE: ASI10690
Ø A
Ø D
45°
C
B
F
E
G
H
MINIMUM
inches / mm
.029 / 0.740
.335 / 8.510
.200 / 5.080
.028 / 0.720
.305 / 7.750
.240 / 6.100
B
C
D
E
F
G
A
MAXIMUM
.034 / 0.860
.335 / 8.500
.260 / 6.600
.370 / 9.370
inches / mm
.045 / 1.140
.500 / 12.700
H
.016 / 0.407
.020 / 0.508
DIM


Similar Part No. - ASI10690

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASI10691 ASI-ASI10691 Datasheet
16Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10692 ASI-ASI10692 Datasheet
16Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10693 ASI-ASI10693 Datasheet
16Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10694 ASI-ASI10694 Datasheet
16Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10694 ASI-ASI10694 Datasheet
16Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - ASI10690

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com