Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDB12 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PDB12
Description  12 mm Rotary Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB12 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PDB12 Datasheet HTML 1Page - Bourns Electronic Solutions PDB12 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
PDB12 Series - 12 mm Rotary Potentiometer
Product Dimensions
DIMENSIONS:
MM
(INCHES)
PDB12-M
L
F
RECOMMENDED PCB LAYOUT
30
°
SHAFT SHOWN IN CCW POSITION
6.0
(.24)
DIA.
6.0
(.24)
2.6
(.102)
4.5
(.177)
1.5
(.059)
9.0
(.354)
10.0
(.393)
12.8
(.503)
12.6
(.496)
2.7
(.106)
10.0
(.393)
7.5
(.295)
1
2
3
1.6
(.062)
3 PLCS.
1.0
(.039)
DIA.
3.6
(.141)
PDB12-F
L
F
RECOMMENDED PCB LAYOUT
30
°
SHAFT SHOWN IN CCW POSITION
6.0
(.24)
DIA.
6.0
(.24)
4.5
(.177)
1.5
(.059)
10.0
(.393)
12.8
(.503)
1
2
3
3.5
(.137)
3.0
(.118)
3.5
(.137)
3.0
(.118)
2.0
(.078)
4.5
(.177)
4.5
(.177)
6.5
(.255)
3 PLCS.
1.0
(.039)
DIA.
3.0
(.118)
2.1
(.082)
14.4
(.566)
1.6
(.062)
7.5
(.177)
PDB12 Dimensions
L
15
(.591)
20
(.787)
25
(.984)
30
(1.181)
F
7
(.276)
7
(.276)
12
(.472)
12
(.472)
1
2
3
SCHEMATIC
How To Order
PDB12 - H 4 20 1 - 103 A F
Model
Terminal Config.
(see individual drawings)
H = PC pins, rear facing
snap mount
G = PC pins, vertical/
down facing/
snap mount
M = PC pins, rear facing
F = PC pins, vertical/
down facing/
snap mount
Option
• 2 = Center Detent
• 4 = No Detent
Standard Shaft Length
• 15 = 15 mm
• 20 = 20 mm
• 25 = 25 mm
• 30 = 30 mm
Number of Gangs
• 1 = Single Gang
Resistance Code (See Table)
Resistance Taper
• A = Audio Taper
• B = Linear Taper
Shaft Style
• F = Flat Type Insulated Shaft
Other styles available.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
REV. 01/11



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com