Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMN712 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMN712
Description  862 MHz Band Reject Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMN712 Datasheet(HTML) 1 Page - API Technologies Corp

  CMN712 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Suite B • Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com
___________________________________________________________________________________________________
 
CMN712 
862 MHz Band Reject Filter 
   Revision 1, May 19, 2011 
 
 
Passband:  
 
850 – 861 MHz 
Passband:  
 
866 – 876 MHz 
Insertion Loss:  
1.0 dB max.  
Return Loss:  
 
18 dB min. 
Rejection:  
 
60 dB min  
862.0 – 863.5 MHz 
     
Connectors:  
 
Type “N” Female  
Operational Temp:  
‐30°C to +60°C 
Finish:  
 
Unpainted, Silver Finish 
 
 
 
 


Similar Part No. - CMN712

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMN719 APITECH-CMN719 Datasheet
120Kb / 3P
2.1 GHz Band Reject Filter
More results

Similar Description - CMN712

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMN755 APITECH-CMN755 Datasheet
87Kb / 1P
850 MHz Band Reject Filter
CMN735 APITECH-CMN735 Datasheet
76Kb / 1P
837 MHz Band Reject Filter
CMN697 APITECH-CMN697 Datasheet
77Kb / 1P
822 MHz Band Reject Filter
CMN696 APITECH-CMN696 Datasheet
77Kb / 1P
859 MHz Band Reject Filter
CMN663 APITECH-CMN663 Datasheet
77Kb / 1P
807.55 MHz Band Reject Filter
CMN642 APITECH-CMN642 Datasheet
86Kb / 1P
887 MHz Band Reject Filter
CMN637 APITECH-CMN637 Datasheet
77Kb / 1P
764 MHz Band Reject Filter
CMN633 APITECH-CMN633 Datasheet
77Kb / 1P
780 MHz Band Reject Filter
CMN613 APITECH-CMN613 Datasheet
76Kb / 1P
788 MHz Band Reject Filter
CMN592 APITECH-CMN592 Datasheet
77Kb / 1P
851 MHz Band Reject Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com