Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1202Y2RHHT Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 28 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 24Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 25Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 26Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 27Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 28Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 29Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 30Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 31Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
28
CLOCKS
The MSC120x can operate in three separate clock modes:
Internal Oscillator mode (IOM), External Clock mode
(ECM), and Phase Lock Loop (PLL) mode. A block
diagram is shown in Figure 13. The clock mode for the
MSC120x is selected via the CLKSEL bits in HCR2. IO
low-frequency (LF) mode is the default mode for the
device.
Serial Flash Programming mode (SFPM) uses IO LF mode
(the HCR2 and CLKSEL bits have no effect). Table 2
shows the active clock mode for the various startup
conditions during User Application mode.
Internal Oscillator
In IOM, the CPU executes either in LF mode (if HCR2,
CLKSEL = 111) or high-frequency (HF) mode (if HCR2,
CLKSEL = 110 and DVDD = 5.0V). In this mode, XIN must
be grounded or tied to supply.
External Clock
In ECM (HCR2, CLKSEL = 011), the CPU can execute
from an external crystal, external ceramic resonator,
external clock, or external oscillator. If an external clock is
detected at startup, then the CPU will begin execution in
ECM after startup. If an external clock is not detected at
startup, then the device will revert to the mode shown in
Table 2.
100k
Ω
Internal
Oscillator
LF/HF
Mode
STOP
Phase
Detector
XIN
XOUT
Charge
Pump
VCO
PLL DAC
PLLDIV
SYSCLK
t
OSC
(1)
NOTE: (1) Disabled in PLL mode; therefore, an external resistor between XIN and XOUT is required.
t
PLL/tIOM
t
SYS
t
CLK
Figure 13. Clock Block Diagram
Table 2. Active Clock Modes
SELECTED CLOCK MODE
HCR2, CLKSEL2:0
STARTUP CONDITION(1)
ACTIVE CLOCK MODE (fSYS)
External Clock Mode (ECM)
010
Active clock present at XIN
External Clock Mode
External Clock Mode (ECM)
010
No clock present at XIN
IO LF Mode
Internal Oscillator Mode (IOM)(2)
IO LF Mode
111
N/A
IO LF Mode
Internal Oscillator Mode (IOM)(2)
IO HF Mode
110
N/A
IO HF Mode
PLL LF Mode
101
Active 32.768kHz clock at XIN
PLL LF Mode
PLL(3)
PLL LF Mode
101
No clock present at XIN
Nominal 50% of IO LF Mode
PLL(3)
PLL HF Mode
100
Active 32.768kHz clock at XIN
PLL HF Mode
PLL HF Mode
100
No clock present at XIN
Nominal 50% of IO HF Mode
(1) Clock detection is only done at startup; refer to Serial Flash Programming Timing parameter tRFD in Figure 2.
(2) XIN must not be left floating; it must be tied high or low or parasitic oscillation may occur.
(3) PLL operation requires that both AVDD and DVDD are within their specified ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com