Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAP70AM Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAP70AM
Description  Silicon PIN diode array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP70AM Datasheet(HTML) 2 Page - NXP Semiconductors

  BAP70AM Datasheet HTML 1Page - NXP Semiconductors BAP70AM Datasheet HTML 2Page - NXP Semiconductors BAP70AM Datasheet HTML 3Page - NXP Semiconductors BAP70AM Datasheet HTML 4Page - NXP Semiconductors BAP70AM Datasheet HTML 5Page - NXP Semiconductors BAP70AM Datasheet HTML 6Page - NXP Semiconductors BAP70AM Datasheet HTML 7Page - NXP Semiconductors BAP70AM Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BAP70AM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 7 September 2010
2 of 8
NXP Semiconductors
BAP70AM
Silicon PIN diode array
4.
Marking
5.
Limiting values
6.
Thermal characteristics
Table 3.
Marking
Type number
Marking code
Description
BAP70AM
N9*
* = - : made in Hong Kong
* = p : made in Hong Kong
* = t : made in Malaysia
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
50
V
IF
forward current
-
100
mA
Ptot
total power dissipation
Tsp =90 °C-
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction
to solder point
260
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com