Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BC847
Description  45 V, 100 mA NPN general-purpose transistors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC847 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BC847 Datasheet HTML 9Page - NXP Semiconductors BC847 Datasheet HTML 10Page - NXP Semiconductors BC847 Datasheet HTML 11Page - NXP Semiconductors BC847 Datasheet HTML 12Page - NXP Semiconductors BC847 Datasheet HTML 13Page - NXP Semiconductors BC847 Datasheet HTML 14Page - NXP Semiconductors BC847 Datasheet HTML 15Page - NXP Semiconductors BC847 Datasheet HTML 16Page - NXP Semiconductors BC847 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
BC847_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 8 — 20 August 2012
13 of 18
NXP Semiconductors
BC847 series
45 V, 100 mA NPN general-purpose transistors
Fig 19. Reflow soldering footprint SOT323 (SC-70)
Fig 20. Wave soldering footprint SOT323 (SC-70)
solder lands
solder resist
occupied area
solder paste
sot323_fr
2.65
2.35
0.6
(3
×)
0.5
(3
×)
0.55
(3
×)
1.325
1.85
1.3
3
2
1
Dimensions in mm
sot323_fw
3.65 2.1
1.425
(3
×)
4.6
09
(2
×)
2.575
1.8
solder lands
solder resist
occupied area
preferred transport
direction during soldering
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com