Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC10 Datasheet(PDF) 3 Page - Maxwell Technologies

Part # PC10
Description  PC SERIES ULTRACAPACITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

PC10 Datasheet(HTML) 3 Page - Maxwell Technologies

  PC10_13 Datasheet HTML 1Page - Maxwell Technologies PC10_13 Datasheet HTML 2Page - Maxwell Technologies PC10_13 Datasheet HTML 3Page - Maxwell Technologies PC10_13 Datasheet HTML 4Page - Maxwell Technologies PC10_13 Datasheet HTML 5Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3
Document number: 1003996.14
maxwell.com
DATASHEET
PC SERIES ULTRACAPACITORS
TYPICAL CHARACTERISTICS
THERMAL CHARACTERISTICS
PC10, PC10-90, PC10-270
PC10HT, PC10HT-90, PC10HT-270
Thermal Resistance
(Rth, Case to Ambient), typical2
15oC/W
15oC/W
Thermal Capacitance (C
th), typical
2
3.6 J/oC
3.6 J/oC
Maximum Continuous Current (∆T = 15 °C)2
2.4 A
RMS
2.4 A
RMS
Maximum Continuous Current (∆T = 40 °C)2
3.8 A
RMS
3.8 A
RMS
LIFE
DC Life at High Temperature1
(held continuously at Rated Voltage and Maximum Operating
Temperature)
3,000 hours
1,000 hours
Capacitance Change
(% decrease from minimum initial value)
20%
20%
ESR Change
(% increase from maximum initial value)
100%
100%
Projected DC Life at 25°C1
10 years
10 years
Capacitance Change
(% decrease from minimum initial value)
20%
20%
ESR Change
(% increase from maximum initial value)
100%
100%
Cycle Life1,9
500,000 cycles
500,000 cycles
Capacitance Change
(% decrease from minimum initial value)
20%
20%
ESR Change
(% increase from maximum initial value)
100%
100%
Test Current
1.0 A
1.0 A
Shelf Life
(Stored uncharged at 25°C)
4 years
4 years
PC-10 HT Temperature Response Plot
80%
90%
100%
110%
120%
130%
140%
-20
-10
0
10
20
30
40
50
60
70
80
90
Temperature (°C)
Cap
DC ESR
ESR AND CAPACITANCE VS TEMPERATURE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com