Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2KC25MF1 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E2KC25MF1
Description  Adjustable Capacitive Prox
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2KC25MF1 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E2KC25MF1 Datasheet HTML 1Page - Omron Electronics LLC E2KC25MF1 Datasheet HTML 2Page - Omron Electronics LLC E2KC25MF1 Datasheet HTML 3Page - Omron Electronics LLC E2KC25MF1 Datasheet HTML 4Page - Omron Electronics LLC E2KC25MF1 Datasheet HTML 5Page - Omron Electronics LLC E2KC25MF1 Datasheet HTML 6Page - Omron Electronics LLC E2KC25MF1 Datasheet HTML 7Page - Omron Electronics LLC E2KC25MF1 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
E2K-C
3
E2K-C
Part number
E2K-C25M❑❑
E2K-C25MY ❑
Sensor type
Capacitive
Body
Size
34 mm (1.34 in) diameter
Type
Unshielded
Supply voltage
10 to 40 VDC, 10% max. permissible
90 to 250 VAC, 50/60 Hz
ripple peak to peak
Current consumption
10 mA max. at 12 VDC
1 mA max. at 100 VAC
15 mA max. at 24 VDC
2 mA max. at 200 VAC
Detectable object type
Metallic and non-metallic objects
Sensitivity
Adjustable
3 to 25 mm
(0.12 to 0.98 in)
Standard target size
50 x 50 x 1 mm
(grounded mild steel, L x W x H)
(2.0 x 2.0 x 0.04 in)
Differential travel
15% max. of detecting distance
Control
Type
—
SCR-NO (E2K-C25MY1)
output
SCR-NC (E2K-C25MY2)
Max. load
—
200 mA
Min. load
—
5 mA
Max. off-state
—
See “Leakage Current Characteristics”
leakage current
graph in Engineering Data
Max. on-state
—
2V max.
voltage drop
Type
NPN-NO open collector with pull-up
—
NPN-NC open collector with pull-up
PNP-NO open collector with pull-down
PNP-NC open collector with pull-down
Max. load
200 mA
—
Max. on-state
See “Residual Load Voltage” graph in
—
voltage drop
Engineering Data
Response frequency
70 Hz
10Hz
Not provided
Provided
Not provided
Weld field immunity
Not provided
RFI immunity
Not provided
Indicators
Target Present (red LED)
Output Operation (red LED)
Materials
Housing
ABS/PC
Sensing face
ABS
Cable sheath
PVC
Mounting
Bracket Y92E-A34 included
Connections
Prewired
Three-conductor cable, 2 m (6.56 ft) length Two-conductor cable, 2 m (6.56 ft) length
Weight with cable
Approx. 200 g (7.0 oz.)
UL
1
NEMA
1, 4, 12, 13
IEC 144
IP67
Approvals
UL
—
Listed, File Number E76675
CSA
—
Certified, File Number LR45951
Ambient operating temperature
–25
° to 70°C (–13° to 158°F)
Vibration
10 to 55 Hz, 1.5 mm (0.06 in) double amplitude
Shock
Approx. 50 G's
Specifications
Effective maximum detecting
distance (with standard target)
AC
solid-
state
DC power supply
reverse polarity
Output short-
circuit
Circuit
protection
DC
solid-
state
Enclosure
ratings



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com