Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPW60R045CS Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPW60R045CS
Description  CoolMOSTM Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW60R045CS Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPW60R045CS Datasheet HTML 1Page - Infineon Technologies AG IPW60R045CS Datasheet HTML 2Page - Infineon Technologies AG IPW60R045CS Datasheet HTML 3Page - Infineon Technologies AG IPW60R045CS Datasheet HTML 4Page - Infineon Technologies AG IPW60R045CS Datasheet HTML 5Page - Infineon Technologies AG IPW60R045CS Datasheet HTML 6Page - Infineon Technologies AG IPW60R045CS Datasheet HTML 7Page - Infineon Technologies AG IPW60R045CS Datasheet HTML 8Page - Infineon Technologies AG IPW60R045CS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IPW60R045CP
CoolMOS
TM Power Transistor
Features
• Worldwide best R ds,on in TO247
• Ultra low gate charge
• Extreme dv/dt rated
• High peak current capability
• Qualified according to JEDEC
1) for target applications
• Pb-free lead plating; RoHS compliant
CS CoolMOS is specially designed for:
• Hard switching SMPS topologies
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
A
T C=100 °C
Pulsed drain current
2)
I D,pulse
T C=25 °C
Avalanche energy, single pulse
E AS
I D=11 A, V DD=50 V
1950
mJ
Avalanche energy, repetitive t AR
2),3)
E AR
I D=11 A, V DD=50 V
Avalanche current, repetitive t AR
2),3)
I AR
A
MOSFET dv /dt ruggedness
dv /dt
V DS=0...480 V
V/ns
Gate source voltage
V GS
static
V
AC (f >1 Hz)
Power dissipation
P tot
T C=25 °C
W
Operating and storage temperature
T j, T stg
°C
Mounting torque
M3 and M3.5 screws
60
Ncm
Value
60
38
230
±30
431
-55 ... 150
3
11
50
±20
V DS @ Tjmax
650
V
R DS(on),max
0.045
Ω
Q g,typ
150
nC
Product Summary
Type
Package
Ordering Code
Marking
IPW60R045CP
PG-TO247-3-1
SP000067149
6R045
PG-TO247-3-1
Rev. 2.0
page 1
2006-06-19


Similar Part No. - IPW60R045CS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R045CP INFINEON-IPW60R045CP Datasheet
355Kb / 10P
CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPW60R045CP INFINEON-IPW60R045CP Datasheet
584Kb / 11P
CoolMOS Power Transistor
Rev. 2.2 2008-01-21
logo
Inchange Semiconductor ...
IPW60R045CP ISC-IPW60R045CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPW60R045CPA INFINEON-IPW60R045CPA Datasheet
477Kb / 11P
CoolMOS Power Transistor
Rev. 2.0 2010-02-15
logo
Inchange Semiconductor ...
IPW60R045CPA ISC-IPW60R045CPA Datasheet
376Kb / 2P
N-Channel MOSFET Transistor
More results

Similar Description - IPW60R045CS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW50R140CP INFINEON-IPW50R140CP Datasheet
361Kb / 10P
CoolMOSTM Power Transistor
Rev. 1.01 2007-02-06
SPA06N80C3 INFINEON-SPA06N80C3_08 Datasheet
375Kb / 10P
CoolMOSTM Power Transistor
Rev. 2.9 2008-10-15
IPD50R399CP INFINEON-IPD50R399CP Datasheet
311Kb / 10P
CoolMOSTM Power Transistor
Rev. 2.0 2007-11-21
IPI60R125CP INFINEON-IPI60R125CP Datasheet
274Kb / 10P
CoolMOSTM Power Transistor
Rev. 2.0 2007-11-20
IPI60R250CP INFINEON-IPI60R250CP Datasheet
280Kb / 10P
CoolMOSTM Power Transistor
Rev. 2.1 2009-04-01
IPP50R250CP INFINEON-IPP50R250CP Datasheet
281Kb / 10P
CoolMOSTM Power Transistor
Rev. 2.0 2007-11-06
IPP60R250CP INFINEON-IPP60R250CP Datasheet
281Kb / 10P
CoolMOSTM Power Transistor
Rev. 2.0 2008-07-11
SPD06N60C3 INFINEON-SPD06N60C3_08 Datasheet
642Kb / 11P
CoolMOSTM Power Transistor
Rev. 1.5 2008-04-11
SPA06N60C3 INFINEON-SPA06N60C3_10 Datasheet
227Kb / 11P
CoolMOSTM Power Transistor
Rev. 1.3 2010-12-21
IPD80R2K7C3A INFINEON-IPD80R2K7C3A Datasheet
516Kb / 10P
CoolMOSTM Power Transistor
Final Data Sheet, Rev. 1.1 2013-11-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com