Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDX-4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEDX-4
Description  LEDX Series - 2 Pin Square 5mm x 5mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEDX-4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEDX-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEDX-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
Suresh 31/5/05
31/5/05
14/6/05
Shashi
NK
RELEASED
LEDX Series
This data sheet and its contents (the "Information") belong to the Premier Farnell Group
(the "Group") or are licensed to it. No licence is granted for the use of it other than for
information purposes in connection with the products to which it relates. No licence
of any intellectual property rights is granted. The Information is subject to change with-
out notice and replaces all data sheets previously supplied. The Information supplied is
believed to be accurate but the Group assumes no responsibility for its accuracy or
completeness, any error in or omission from it or for any use made of it. Users of this
data sheet should check for themselves the Information and the suitability of the prod-
ucts for their purpose and not make any assumptions based on information included or
omitted. Liability for loss or damage resulting from any reliance on the Information or
use of it (including liability resulting from negligence or where the Group was aware of
the possibility of such loss or damage arising) is excluded. This will not operate to limit
or restrict the Group's liability for death or personal injury resulting from its negligence.
MULTICOMP is the registered trademark of the Group. © Premier Farnell plc 2004.
TOLERANCES:
DRAWN BY:
Suresh
Shashi
NK
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
LEDX Series - 2 Pin Square 5mm x 5mm
3105_DWG
M100000045
31/05/05
DATE:
SIZE
SCALE: NTS
U.O.M.: mm
SHEET:
1
OF 2
DWG NO.
ELECTRONIC FILE
REV
31/05/05
A
DATE:
14/06/05
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
Dimensions : Millimetres
Specification Table
Type
Height
(H)
Part Number
Square 2 Pin LED Holder - 5mm × 5mm
3
LEDX-3
4
LEDX-4
5
LEDX-5
6
LEDX-6
7
LEDX-7
8
LEDX-8
9
LEDX-9
10
LEDX-10
11
LEDX-11
12
LEDX-12
Dimensions : Millimetres


Similar Part No. - LEDX-4

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
LEDX-4 MULTICOMP-LEDX-4 Datasheet
196Kb / 1P
LEDX Series 2 Pin Square 5mm × 5mm
05/11/19 V1.0
More results

Similar Description - LEDX-4

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TLN-H4Q5-583 TAITRON-TLN-H4Q5-583 Datasheet
245Kb / 6P
5mm x 5mm Square Lamp LED
logo
LUMEX INC.
SSL-LX5573AD LUMEX-SSL-LX5573AD Datasheet
46Kb / 1P
5MM X 5MM SQUARE 610MM AMBER RED
SSL-LX5573GD LUMEX-SSL-LX5573GD Datasheet
45Kb / 1P
5mm X 5mm SQUARE 565mm GREEN LED
SSL-LX5573GD-TR LUMEX-SSL-LX5573GD-TR Datasheet
59Kb / 1P
5mm X 5mm SQUARE LED
SSL-LX5573ID LUMEX-SSL-LX5573ID Datasheet
44Kb / 1P
5mm X 5mm SQUARE 635mm RED LED
SSL-LX5573OD LUMEX-SSL-LX5573OD Datasheet
45Kb / 1P
5mm X 5mm SQUARE 630mm ORANGE LED
SSL-LX5573SID LUMEX-SSL-LX5573SID Datasheet
51Kb / 1P
5mm X 5mm SQUARE LED
SSL-LX5573USBD LUMEX-SSL-LX5573USBD Datasheet
51Kb / 1P
5mm X 5mm SQUARE LED
SSL-LX55103SUGD-FL LUMEX-SSL-LX55103SUGD-FL Datasheet
51Kb / 1P
5mm X 5mm SQUARE LED
SSL-LX55103SYD-FL LUMEX-SSL-LX55103SYD-FL Datasheet
59Kb / 1P
5mm X 5mm SQUARE LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com