Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX-30 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EX-30
Description  Panasonic Electric Works of America
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EX-30 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EX-30 Datasheet HTML 1Page - Panasonic Semiconductor EX-30 Datasheet HTML 2Page - Panasonic Semiconductor EX-30 Datasheet HTML 3Page - Panasonic Semiconductor EX-30 Datasheet HTML 4Page - Panasonic Semiconductor EX-30 Datasheet HTML 5Page - Panasonic Semiconductor EX-30 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Panasonic Electric Works Corporation of America
http://pewa.panasonic.com/automation-controls/
Part Number
Detecting
Distance
Output
CX-441(-P) *
2 to 50 mm
NPN (PNP)
CX-443(-P)
NPN (PNP)
CX-442(-P)
15 to 100 mm
NPN (PNP)
CX-444(-P)
20 to 300 mm
NPN (PNP)
EQ-501 / EQ-511
0.1 to 2.5 m
Bi-Polar NPN/PNP
EQ-502 / EQ-512
0.1 to 1.0 m
Bi-Polar NPN/PNP
EQ-34(-PN)
0.2 to 2.0 m
NPN (PNP)
PHOTOELECTRIC SENSORS
Panasonic has some of the industry's smallest photoelectric sensors with
unmatched simplicity and versatility. Our sensors have advanced features which
include background/foreground suppression to protect against unwanted detection.
CX - 4 11 - P - Z
Type:
11: Thrubeam, 10m
12: Thrubeam, 15m
13: Thrubeam, 30m
91: Retroreflective, 5m
93: Retroreflective, 3m
83: Retroreflective*, 50-1000m
82: Retroreflective*, 0.1-2m
24: Diffuse Reflective, 100mm
21: Diffuse Reflective, 300mm
22: Diffuse Reflective, 800mm
23: Diffuse Reflective, 70-300mm
Output:
Nil: NPN Transistor
P: PNP Transistor
Connection:
Nil: 2m Cable
C5: 5m Cable
C05: 0.5m Cable
Z: M8 Quick Disconnect
J: M12 Quick Disconnect
* For Transparent Targets
CX-400 Series
General Purpose Detection
● Over 120 Different Models ● 1ms Response Time
EX - 11 E A - PN - R
Output:
Nil: NPN Transistor
PN: PNP Transistor
Operation:
A: Light-ON
B: Dark-ON
Connection:
Nil: 2M Cable
C5: 5M Cable
R: High Flex, 2M
Type:
11: Thrubeam, 150mm
13: Thrubeam, 500mm
14: Convergent Refl., 2 to 25mm
19: Thrubeam, 1m
Sensing Mode:
Nil: Front Sensing
E: Side Sensing*
* N/A for EX-19
EX-10 Series
Ultra Small Size
● Just 3.5mm Thick ● 0.5ms Response Time
EX - 21 A - PN - R
Output:
Nil: NPN Transistor
PN: PNP Transistor
Operation:
A: Light-ON
B: Dark-ON
Connection:
Nil: 2M Cable
C5: 5M Cable
Type:
21: Thrubeam, Front Sensing, 1M
23: Thrubeam, Side Sensing, 2M
29: Retroreflective, 30 to 200mm
22: Diffuse Reflective, 5 to 160mm
24: Convergent Refl., Front Sensing, 2 to 25mm
26: Convergent Refl., Side Sensing, 6 to 14mm
28: Narrow View Reflective, 45 to 115mm
EX-20 Series
Compact Size
● Built-In Sensitivity Adjuster ● 0.5ms Response Time
EX - 31 A - PN - C5
Output:
Nil: NPN Transistor
PN: PNP Transistor
Operation:
Nil: LO/DO Switchable *
A: Light-ON
B: Dark-ON
Connection:
Nil: 2M Cable
C5: 5M Cable
Type:
31: Thrubeam, 500mm
33: Thrubeam, 800mm
32: Diffuse Reflective, 50mm
EX-30 Series
Simple Mounting
● Hex-Shaped Head Design ● 0.5ms Response Time
Setting distance
Object
Moving object
in the back
ON
OFF
Light received at
element B, or
light not received
Element B
(Light received at element A)
Element A
Background Suppression
For instances where the background may affect
sensing performance, or cause false detections,
utilize a background suppression sensor to
achieve an accurate detection.
BGS Functionality
The sensor judges that an object is present
when light is received at position A of the light-
receiving element (2-segment element).
This is useful if the object and background are
far apart. The distance adjustment is the same
as the conventional adjustment method for
adjustable range reflective sensors.
EX
-1
0 S
erie
s
EX-20
Series
EX-30
Serie
s
PM
Se
Small
Size
M
ic
DC Power
* Small spot type
* EX-33 Only
Part options created with italicized text may have longer lead times.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com