Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-2700 Datasheet(PDF) 39 Page - Pixart Imaging Inc.

Part # ADNS-2700
Description  Single Chip USB Optical Mouse Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2700 Datasheet(HTML) 39 Page - Pixart Imaging Inc.

Back Button ADNS-2700 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-2700 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-2700 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-2700 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-2700 Datasheet HTML 35Page - Pixart Imaging Inc. ADNS-2700 Datasheet HTML 36Page - Pixart Imaging Inc. ADNS-2700 Datasheet HTML 37Page - Pixart Imaging Inc. ADNS-2700 Datasheet HTML 38Page - Pixart Imaging Inc. ADNS-2700 Datasheet HTML 39Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
VID0
Address: 0xE4
Type: OTP
Access: Read/Write
Reset Value: 0x2F
Bit
7
6543210
Field
VID7
VID6
VID5
VID4
VID3
VID2
VID1
VID0
VID1
Address: 0xE5
Type: OTP
Access: Read/Write
Reset Value: 0x19
Bit
76543210
Field
VID15
VID14
VID13
VID12
VID11
VID10
VID9
VID8
Data Type: 16-Bit number.
USAGE: These registers are used to customize device VID.
Default Pixart's VID = 0x192F.
OTPLOCK1
Address: 0xE8
Type: OTP
Access: Read/Write
Reset Value: 0x00
Bit
76543210
Field
OTPLOCK17
OTPLOCK16
OTPLOCK15
OTPLOCK14
OTPLOCK13
OTPLOCK12
OTPLOCK11
OTPLOCK10
Data Type: 8-bit field.
USAGE: Must write 0xFF in this register to lock the OTP configuration.
PID0
Address: 0xE2
Type: OTP
Access: Read/Write
Reset Value: 0x16
Bit
7
6543210
Field
PID7
PID6
PID5
PID4
PID3
PID2
PID1
PID0
PID1
Address: 0xE3
Type: OTP
Access: Read/Write
Reset Value: 0x09
Bit
76543210
Field
PID15
PID14
PID13
PID12
PID11
PID10
PID9
PID8
Data Type: 16-Bit number.
USAGE: These registers are used to customize device USB PID.
Default Pixart's PID = 0x0916.
PixArt Imaging Inc.
ADNS-2700 Single Chip USB Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com