Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS 7550 Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # ADNS 7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS 7550 Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button ADNS 7550 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS 7550 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS 7550 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS 7550 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS 7550 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS 7550 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS 7550 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS 7550 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS 7550 Datasheet HTML 25Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
Delta_X_L
Address: 0x03
Access: Read
Reset Value: 0x00
Data Type: Eight bit 2’s complement number.
USAGE: X movement is counts since last report. Absolute value is determined by resolution. Reading clears the
register.
Bit
76543210
Field
X7
X6
X5
X4
X3
X2
X1
X0
Bit
7
6
54
32
1
0
Field
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Delta_Y_L
Address: 0x04
Access: Read
Reset Value: 0x00
Data Type: Eight bit 2’s complement number.
USAGE: Y movement is counts since last report. Absolute value is determined by resolution. Reading clears the
register.
00
01
02
7FE
7FF
+2047
+2046
+1
+2
FF
FE
801
800
0
-1
-2
-2047
-2048
Motion
Delta_X
00
01
02
7FE
7FF
+2047
+2046
+1
+2
FF
FE
801
800
0
-1
-2
-2047
-2048
Motion
Delta_Y
NOTE:
PixArt recommends that registers 0x02, 0x03, 0x04 and 0x05 be read sequentially.
NOTE:
PixArt recommends that registers 0x02, 0x03, 0x04 and 0x05 be read sequentially.
Bit
7
6
54
32
1
0
Field
X11
X10
X9
X8
Y11
Y10
Y9
Y8
Delta_XY_H
Address: 0x05
Access: Read
Reset Value: 0x00
Data Type: 2’s complement number, upper 4 bits of Delta_X and Delta_Y.
USAGE: Delta_XY_H must be read after Delta_X_L and Delta_Y_L to have the full motion data. Reading clear the
registers.
NOTE:
PixArt recommends that registers 0x02, 0x03, 0x04 and 0x05 be read sequentially.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-7550 Integrated Molded Lead-Frame DIP Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com