Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-8020 Datasheet(PDF) 32 Page - Pixart Imaging Inc.

Part # ADNS-8020
Description  Track-on-Glass Laser Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-8020 Datasheet(HTML) 32 Page - Pixart Imaging Inc.

Back Button ADNS-8020 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 35Page - Pixart Imaging Inc. ADNS-8020 Datasheet HTML 36Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
32
Rest2_Downshift
Address: 0x18
Access: R/W
Reset Value: 0x5e
Bit
76543210
Field
R2D7
R2D6
R2D5
R2D4
R2D3
R2D2
R2D1
R2D0
Data Type: 8-bit unsigned integer
USAGE:
This register set the Rest 2 to Rest 3 downshift time. Default value is 10mins. Use the formula below for
calculation.
Rest2 Downshift time = R2D[7:0] x 64 x Rest2_Rate.
Default = 94 x 64 x 100ms (Rest2_Rate default value) = 601.6s = 10mins
All the above values are calculated base on 100Hz Hibernate clock, which expected to have 40% tolerance.
Rest3_Rate
Address: 0x19
Access: R/W
Reset Value: 0x31
Bit
76543210
Field
R3R7
R3R6
R3R5
R3R4
R3R3
R3R2
R3R1
R3R0
Data Type: 8-bit unsigned integer
USAGE:
This register set the Rest 3 frame rate period. Default value is 500ms. Use the formula below for calculation.
Rest3 frame rate period = (R3R[7:0] + 1) x 10ms.
Default = (49 + 1) x 10 = 500ms
All the above values are calculated base on 100Hz Hibernate clock, which expected to have 40% tolerance.
PixArt Imaging Inc.
Track-on-Glass Laser Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com