Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAP1100 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAP1100
Description  Low Power 10 Touch Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAP1100 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAP1100 Datasheet HTML 1Page - Pixart Imaging Inc. PAP1100 Datasheet HTML 2Page - Pixart Imaging Inc. PAP1100 Datasheet HTML 3Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
PAP1100QN: Low Power 10 Touch Controller
Description
The PAP1100QN is a low-power, 10-touch
controller designed specifically to provide a
touch screen system with high report rate, touch
accuracy, and responsive on-screen navigation,
with very low latency. The IC uses a mutual-
capacitance measurement technique, where it
senses capacitance changes on the touch
panel, and detects multiple touch points
simultaneously.
The PAP1100QN touch controller is designed
specifically for applications in a high-noise
environment. It is robust against common-mode,
display, and RF noise; thereby eliminating the
need for a Ground shield on the touch panel,
reducing
system
cost.
Its
high-density
drive/sense lines support touch screens up to 5”,
with 10 simultaneous touch points. A passive
stylus is also supported. Larger screens can
also be supported where fine-cell spacing is not
a priority.
The low-power design is ideal for extending
battery
life.
Programmable
power
modes
include:
Run mode
[150 Hz report rate, 1 TP]
25 mW
Run mode
[150 Hz report rate, 5 TPs]
30 mW
Shutdown
145 μW
Additional programmable Idle/Rest modes are
also available.
There are 30 kbytes of Flash memory for Pixart
supplied based-line operational code storage. In
addition, there are 2 kbytes of Flash memory for
application-specific data storage, such as saved
register settings, customized configurations of
drive/sense mapping, buttons, sliders and
haptics. There is no overlap between the 30
kbytes and 2 kbytes spaces.
The controller IC operates from a single 1.72 –
2.0 V or 2.5 – 3.6 V supply voltage, with I/O
voltage from 1.6 to 3.6 V. The part is housed in
a 6 x 6 x 0.55 mm 48-pin TQFN package.
Features
Multi-touch navigation (up to 10 points)
Support for up to 5” screen (larger
depending on application)
Adjustable touch thresholds for up to 1.5
mm PMMA or PC curved lens
Cover lens: up to 2 mm glass or 1.5 mm
PMMA
Gesture support
Buttons and sliders support
Opens/shorts test support
Internal flash for saving user settings
1200 DPI resolution at full screen
Greater than 200 Hz configurable report rate
Fast response time: < 10 ms
SPI/I
2C host interface
Operating temperature: -20 to +70
C
Haptics output, support for up to 10
waveforms, and a variety of triggers
Lead-free RoHS compliant
Applications
Smart phones
Portable Media Players
Mobile Internet Devices (MID)
Personal Navigation Devices (PND)
Tablet PC’s



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com