Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE04S04 Datasheet(PDF) 23 Page - Tyco Electronics

Part # ADE04S04
Description  Switches Core Program
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE04S04 Datasheet(HTML) 23 Page - Tyco Electronics

Back Button ADE04S04 Datasheet HTML 19Page - Tyco Electronics ADE04S04 Datasheet HTML 20Page - Tyco Electronics ADE04S04 Datasheet HTML 21Page - Tyco Electronics ADE04S04 Datasheet HTML 22Page - Tyco Electronics ADE04S04 Datasheet HTML 23Page - Tyco Electronics ADE04S04 Datasheet HTML 24Page - Tyco Electronics ADE04S04 Datasheet HTML 25Page - Tyco Electronics ADE04S04 Datasheet HTML 26Page - Tyco Electronics ADE04S04 Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
22
Switches
Preferred Part Numbers - Toggle Switches
TST Series
TT Series
Gemini Series A
Gemini Series AE
Product key
Type
Contact material
Positions
Part number
T
TS
ST
T
TST11DGPC1D04
1 Pole, PCB
Ag
On-None-On
1825455-1
T
TS
ST
T,, R
Riig
gh
htt A
An
ng
glle
e
TST11DGRA1D04
1 Pole
Ag
On-None-On
1825455-3
TST11DGVRA1D04
1 Pole Vertical r.a.
1825455-4
Product key
Type
Contact material
Positions
Part number
T
TT
T
TT13A2T04
1 Pole, Wire Lugs
Ag
On-None-Off
1825222-2
TT13D2T04
On-None-On
1825222-3
TT13E2T04
On-Off-On
1825222-4
TT23K2T04
2 Pole, Wire Lugs
On-None-Off
1825222-6
TT23N2T04
On-None-On
1825222-7
TT11AGPC104
1 Pole, PCB
On-None-Off
1825219-2
TT11DGPC104
On-None-On
1825219-3
TT11EGPC104
On-Off-On
1825219-6
TT21KGPC104
2 Pole, PCB
On-None-Off
1-1825219-0
TT21NGPC104
On-None-On
1-1825219-1
T
TT
T R
Riig
gh
htt A
An
ng
glle
e
TT11DGVRA104
1 Pole, PCB
Ag
On-None-On
1825219-5
TT11EGVRA104
2 Pole, PCB
On-Off-On
1825219-9
Product key
Type
Contact material
Positions
Part number
G
Ge
em
miin
nii A
A
A101SYCB04
1 Pole, PCB
Au
On - On
4-1825136-4
A101SYCQ04
Ag
4-1825136-5
A101SYZB04
1 Pole, Wire Lug
Au
4-1825136-8
A101SYZQ04
Ag
4-1825136-9
A103SYCB04
1 Pole, PCB
Au
On - Off - On
1-1825137-5
A103SYCQ04
Ag
1-1825137-6
A103SYZB04
1 Pole, Wire Lug
Au
1-1825137-9
A103SYZQ04
Ag
2-1825137-0
A201SYCB04
2 Pole, PCB
Au
On - On
2-1825138-4
A201SYCQ04
Ag
2-1825138-5
A201SYZB04
2 Pole, Wire Lug
Au
2-1825138-7
A201SYZQ04
Ag
2-1825138-8
A203SYCB04
2 Pole, PCB
Au
On - Off - On
1825139-8
A203SYCQ04
Ag
1825139-9
A203SYZQ04
2 Pole, Wire Lug
1-1825139-0
A211SYCQ04
2 Pole, PCB
On - On - On
3-1825139-7
A211SYZQ04
2 Pole, Wire Lug
3-1825139-9
G
Ge
em
miin
nii A
A,, R
Riig
gh
htt A
An
ng
glle
e
A101SYAV2B04
1 Pole, PCB
Au
On - On
1825136-8
A103SYAV2B04
On - Off - On
2-1825136-5
A103SYAV2Q04
Ag
1-1825137-4
Product key
Type
Contact material
Positions
Part number
G
Ge
em
miin
nii A
AE
E
AE101SD1CB04
1 Pole, PCB
Au
On-On
2-1825142-0
AE101SD1CQ04
Ag
2-1825142-1
AE103SD1CB04
Au
On-Off-On
3-1825142-0
AE103SD1CQ04
Ag
3-1825142-1
AE201SD1CB04
2 Pole, PCB
Au
On-On
1-1825143-0
AE201SD1CQ04
Ag
1-1825143-1
AE203SD1CB04
Au
On-Off-On
1-1825143-9
G
Ge
em
miin
nii A
AE
E,, R
Riig
gh
htt A
An
ng
glle
e
AE101SD1AV2B04
1 Pole, PCB
Au
On-On
1-1825142-8
AE101SD1AV2Q04
Ag
1-1825142-9
AE103SD1AV2B04
Au
On-Off-On
2-1825142-9
AE201SD1AV2B04
2 Pole, PCB
On-On
1825143-9
AE203SD1AV2B04
On-Off-On
1-1825143-7
AE203SD1AV2Q04
Ag
1-1825143-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com