Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1004 Datasheet(PDF) 13 Page - Tyco Electronics

Part # ADE1004
Description  Switches Core Program
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE1004 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button ADE1004 Datasheet HTML 9Page - Tyco Electronics ADE1004 Datasheet HTML 10Page - Tyco Electronics ADE1004 Datasheet HTML 11Page - Tyco Electronics ADE1004 Datasheet HTML 12Page - Tyco Electronics ADE1004 Datasheet HTML 13Page - Tyco Electronics ADE1004 Datasheet HTML 14Page - Tyco Electronics ADE1004 Datasheet HTML 15Page - Tyco Electronics ADE1004 Datasheet HTML 16Page - Tyco Electronics ADE1004 Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
12
Switches
Micro Switches
UP Ultra Miniature
Micro Switch Series
I Different mounting options
I Silver or gold contacts
SPDT
left and right
THT
Straight lever, without lever
0.3…1.5 N
UP3 version: 3A @ 125 Vac
UP01 version: 0.1 @ 30 Vdc
1,000,000 ops.
-25…+80°C
UL
12.7 x 5.8 x 6.7 mm
Tray
SP Sub Miniature
Micro Switch Series
I Various actuator and
mounting options
SPDT
No
TAB, THT, Solder terminals
Pin plunger, normal, long,
simulator lever, roller
0.8…2.5 N
5 A @ 250 Vac
up to 50,000 ops.
-25…+80°C
UL, cUL, ENEC
19.8 x 6.4 x 10.6 mm
Tray
MP Miniature Micro
Switch Series
I Low and high current
versions
SPDT, SPNC, SPNO
No
Solder or Spade
Pin plunger, short, normal,
simulator lever, roller
16 A Version: 1.2, 2.0, 3.0 N
0.1 A Version: 0.55 N
16A@250 Vac
0.1 A @ 250 Vac
up to 100,000 ops.
-25…+130°C
UL, cUL, ENEC
27.8 x 10.2 x 15.9 mm
Tray
Micro switch
Contact configuration
Right angle versions
Mounting style
Actuator style
Standard actuation force
Contact rating
Electrical endurance
Operating temperature range
Approvals
Dimensions (LxWxH)
Packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com