Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2D068-CF Datasheet(PDF) 9 Page - ebm-papst

Part # M2D068-CF
Description  direction of air flow "V" counter-clockwise, direction of air flow "A" clockwise
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

M2D068-CF Datasheet(HTML) 9 Page - ebm-papst

Back Button M2D068-CF Datasheet HTML 2Page - ebm-papst M2D068-CF Datasheet HTML 3Page - ebm-papst M2D068-CF Datasheet HTML 4Page - ebm-papst M2D068-CF Datasheet HTML 5Page - ebm-papst M2D068-CF Datasheet HTML 6Page - ebm-papst M2D068-CF Datasheet HTML 7Page - ebm-papst M2D068-CF Datasheet HTML 8Page - ebm-papst M2D068-CF Datasheet HTML 9Page - ebm-papst M2D068-CF Datasheet HTML 10Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AC axial fans
A-Range, Ø 350
- Material: sheet steel (coated in black)
- Direction of rotation: direction of air flow "V" counter-clockwise,
direction of air flow "A" clockwise
- Type of protection: IP 44
ebm-papst · Mulfingen
Type
*4D 350(1)
*4E 350
Motor
M4D068-EC
M4E 068-EC
VAC
Hz
m3/h
min-1
W
A
µF/VDB
dB(A)
Pa
°C
kg
230/400
50
2900
1420
145
0,39
---
69
150
45
230/400
60
3300
1620
190
0,36
---
72
150
40
230
50
2850
1390
140
0,62
5,0 / 400
68
120
60
230
60
3190
1550
195
0,86
5,0 / 400
70
90
40
Nominal data
subject to alterations
(1) current draw established at 400 VAC (Y)
68
Characteristics
1000
2000
3000
0
500
1000
[CFM]
1500
2000
40
80
120
160
[m
3/h]
60 Hz
50 Hz
2
1
2
1
1
2
1405
154
1390
169
1375
147
1345
161
n
[min
-1]
P1
[W]
1
2
1
2
1
1
2
2
1
2
1
1
2
2
3,1
3,1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com