Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JWD-107-5 Datasheet(PDF) 2 Page - Tyco Electronics

Part # JWD-107-5
Description  JWD/JWS Series Reed Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

JWD-107-5 Datasheet(HTML) 2 Page - Tyco Electronics

  JWD-107-5 Datasheet HTML 1Page - Tyco Electronics JWD-107-5 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
07-2012, Rev. 0712
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
Signal Relays
JWD/JWS Series Reed Relays (Continued)
Terminal assignment
TOP view on component side of PCB
6+21
7
89
13 14
76
+2 1
89
13 14
76
+2 1
89
13 14
6+21
7
89
13 14
MAGNET
1+35
7
21
7
1314
89
6+21
7
13 14
89
.770 MAX.
(19.56)
.315 (8.0) MAX.
WITH TERMINALS
VERTICAL
.130 ± .015
(3.3 ± 0.4)
.100 TYP.
(2.54)
.600
(15.24)
.020 TYP.
(.51)
.300 MAX.
(7.62)
4° MAX.
TYP.
.012 TYP.
(.3)
12
67
.018 TYP.
(.46)
.020 TYP.
(.51)
.800 MAX.
(20.32)
1
35
7
.200 TYP.
(5.08)
.260 MAX.
(6.6)
.307 MAX.
(7.8)
.125 ± .010
(3.18 ± .254)
.010 TYP.
(.25)
Dia. 1
Dia. 2
Dia. 3
Dia. 4
Dia. 5
Dia. 6
Dia. 7
Note: Terminal numbers are for reference only and do not appear on relays.
Dimensions
JWD Series
JWS Series
Note: Magnetic shielding may be required between relays when they are
placed in very close proximity to one another.
Product code
Contacts
Max.
Diode
Coil
Coil
Operate
Coil
Wiring
Part number
rating
voltage resistance1) voltage
power
diagram
JWD-107-1
1 form A,
10W
No
5/6VDC
500ohm
3.8VDC
50/72mW
1
1393771-3
JWD-107-5
1 NO contact
Yes
5/6VDC
500ohm
3.8VDC
50/72mW
1
1393771-5
JWD-107-3
No
12VDC
1200ohm
9.6VDC
120mW
1
1393771-4
JWD-107-7
Yes
12VDC
1200ohm
9.6VDC
120mW
1
1393771-6
JWD-171-5
No
24VDC
2150ohm
19.2VDC
268mW
2
2-1393771-0
JWD-171-10
Yes
24VDC
2150ohm
19.2VDC
268mW
2
1393771-7
JWD-171-21
2 form A,
No
5/6VDC
200ohm
3.8VDC
125/180mW
3
1-1393771-4
JWD-171-25
2 NO contacts
Yes
5/6VDC
200ohm
3.8VDC
125/180mW
3
1-1393771-7
JWD-171-23
No
12VDC
500ohm
9.6VDC
288mW
3
1-1393771-5
JWD-171-27
Yes
12VDC
500ohm
9.6VDC
288mW
3
1-1393771-8
JWD-171-24
No
24VDC
2200ohm
19.2VDC
262mW
3
1-1393771-6
JWD-171-28
Yes
24VDC
2200ohm
19.2VDC
262mW
3
1-1393771-9
JWD-171-12
1 form B,
No
5/6VDC
500ohm
3.8VDC
50/72mW
4
1393771-8
JWD-171-17
1 NCO contact
Yes
5/6VDC
500ohm
3.8VDC
50/72mW
4
1-1393771-1
JWD-171-14
No
12VDC
1200ohm
9.6VDC
120mW
4
1393771-9
JWD-171-19
Yes
12VDC
1200ohm
9.6VDC
120mW
4
1-1393771-2
JWD-171-15
No
24VDC
2200ohm
19.2VDC
262mW
4
1-1393771-0
JWD-171-20
Yes
24VDC
2200ohm
19.2VDC
262mW
4
1-1393771-3
JWD-172-1
1 form C,
3W
No
5/6VDC
200ohm
3.8VDC
125/180mW
5
2-1393771-1
JWD-172-5
1 CO contact
Yes
5/6VDC
200ohm
3.8VDC
125/180mW
5
2-1393771-9
JWD-172-3
No
12VDC
500ohm
9.6VDC
288mW
5
2-1393771-7
JWD-172-7
Yes
12VDC
500ohm
9.6VDC
288mW
5
3-1393771-0
JWD-172-4
No
24VDC
2200ohm
19.2VDC
262mW
5
2-1393771-8
JWD-172-8
Yes
24VDC
2200ohm
19.2VDC
262mW
5
3-1393771-1
JWD-172-155
No
5/6VDC
200ohm
3.8VDC
125/180mW
6
2-1393771-2
JWD-172-159
Yes
5/6VDC
200ohm
3.8VDC
125/180mW
6
2-1393771-4
JWD-172-161
Yes
12VDC
1000ohm
9.6VDC
144mW
6
2-1393771-5
JWD-172-158
No
24VDC
2150ohm
19.2VDC
268mW
6
2-1393771-3
JWD-172-162
Yes
24VDC
2150ohm
19.2VDC
268mW
6
2-1393771-6
JWS-117-1
1 form A,
10W
No
5VDC
500ohm
3.8VDC
50mW
7
3-1393771-2
JWS-117-6
1 NO contact
Yes
5VDC
500ohm
3.8VDC
50mW
7
3-1393771-8
JWS-117-3
No
12VDC
530ohm
9.6VDC
272mW
7
3-1393771-4
JWS-117-8
Yes
12VDC
530ohm
9.6VDC
272mW
7
3-1393771-6
JWS-117-18
Yes
12VDC
1850ohm
9.6VDC
78mW
7
3-1393771-3
JWS-117-5
No
24VDC
2150ohm
19.2VDC
268mW
7
3-1393771-5
1) Coil resistance ±10%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com