Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M4D068-CF Datasheet(PDF) 7 Page - ebm-papst

Part # M4D068-CF
Description  direction of air flow "V" counter-clockwise, direction of air flow "A" clockwise
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

M4D068-CF Datasheet(HTML) 7 Page - ebm-papst

Back Button M4D068-CF Datasheet HTML 2Page - ebm-papst M4D068-CF Datasheet HTML 3Page - ebm-papst M4D068-CF Datasheet HTML 4Page - ebm-papst M4D068-CF Datasheet HTML 5Page - ebm-papst M4D068-CF Datasheet HTML 6Page - ebm-papst M4D068-CF Datasheet HTML 7Page - ebm-papst M4D068-CF Datasheet HTML 8Page - ebm-papst M4D068-CF Datasheet HTML 9Page - ebm-papst M4D068-CF Datasheet HTML 10Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AC axial fans
A-Range, Ø 315
- Material: sheet steel (coated in black)
- Direction of rotation: direction of air flow "V" counter-clockwise,
direction of air flow "A" clockwise
- Type of protection: IP 44
ebm-papst · Mulfingen
Type
*4D 315(1)
*4E 315(2)
Motor
M4D068-EC
M4E 068-EC
VAC
Hz
m3/h
min-1
W
A
µF/VDB
dB(A)
Pa
°C
kg
230/400
50
1990
1400
78
0,19
---
65
150
80
230/400
60
2260
1590
115
0,21
---
68
150
60
230
50
1950
1400
120
0,53
5,0 / 400
67
180
50
230
60
2230
1610
135
0,60
4,0 / 400
70
120
45
Nominal data
subject to alterations
(1) current draw established at 400 VAC (Y)
(2) insulation class "F"
66
Characteristics
400
800
1200
1600
2000
0
250
500
1000
[CFM]
750
1250
40
80
120
160
[m
3/h]
60 Hz
50 Hz
2
1
2
1
1390
82
1370
95
1395
123
1360
136
n
[min
-1]
P1
[W]
1
2
1
2
1
1
2
2
1
2
1
1
2
2
2,8
2,8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com