Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM50 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM50
Description  LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM50 Datasheet(HTML) 1 Page - Texas Instruments

  LM50 Datasheet HTML 1Page - Texas Instruments LM50 Datasheet HTML 2Page - Texas Instruments LM50 Datasheet HTML 3Page - Texas Instruments LM50 Datasheet HTML 4Page - Texas Instruments LM50 Datasheet HTML 5Page - Texas Instruments LM50 Datasheet HTML 6Page - Texas Instruments LM50 Datasheet HTML 7Page - Texas Instruments LM50 Datasheet HTML 8Page - Texas Instruments LM50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM50, LM50-Q1
SNIS118E – JULY 1999 – REVISED SEPTEMBER 2013
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
Check for Samples: LM50, LM50-Q1
1
FEATURES
DESCRIPTION
The LM50/LM50-Q1 is a precision integrated-circuit
2
•
Calibrated Directly in Degree Celsius
temperature sensor that can sense a
−40°C to
(Centigrade)
+125°C temperature range using a single positive
•
Linear + 10.0 mV/°C Scale Factor
supply.
The
LM50/LM50-Q1's
output
voltage
is
•
±2°C Accuracy Specified at +25°C
linearly
proportional
to
Celsius
(Centigrade)
temperature (+10 mV/°C) and has a DC offset of
•
Specified for Full
−40° to +125°C range
+500
mV.
The
offset
allows
reading
negative
•
Suitable for Remote Applications
temperatures without the need for a negative supply.
•
Low Cost Due to Wafer-level Trimming
The ideal output voltage of the LM50/LM50-Q1
ranges from +100 mV to +1.75V for a
−40°C to
•
Operates from 4.5V to 10V
+125°C temperature range. The LM50/LM50-Q1 does
•
Less than 130
μA Current Drain
not require any external calibration or trimming to
•
Low Self-heating, Less than 0.2°C in Still Air
provide accuracies of ±3°C at room temperature and
±4°C over the full
−40°C to +125°C temperature
•
Nonlinearity Less than 0.8°C Over Temp
range. Trimming and calibration of the LM50/LM50-
•
LM50Q is AEC-Q100 Grade 1 qualified and is
Q1 at the wafer level assure low cost and high
manufactured on an Automotive Grade flow.
accuracy. The LM50/LM50-Q1's linear output, +500
•
UL Recognized Component
mV offset, and factory calibration simplify circuitry
required in a single supply environment where
reading negative temperatures is required. Because
APPLICATIONS
the LM50/LM50-Q1's quiescent current is less than
•
Automotive
130
μA, self-heating is limited to a very low 0.2°C in
•
Computers
still air.
•
Disk Drives
•
Battery Management
•
Automotive
•
FAX Machines
•
Printers
•
Portable Medical Instruments
Figure 1. SOT-23 Pin Out
•
HVAC
Top View
•
Power Supply Modules
See Package Number DBZ0003A
Figure 2. Full-Range Centigrade Temperature
Sensor Application (
−40°C to +125°C)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas Instruments standard
warranty. Production processing does not necessarily include testing of all parameters.


Similar Part No. - LM50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 NSC-LM50 Datasheet
603Kb / 9P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LM50 TI1-LM50 Datasheet
853Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI-LM50 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI1-LM50 Datasheet
854Kb / 16P
SOT-23 Single-Supply Centigrade Temperature Sensor
More results

Similar Description - LM50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50B NSC-LM50B Datasheet
165Kb / 8P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 NSC-LM50_06 Datasheet
603Kb / 9P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LMT90 TI-LMT90 Datasheet
910Kb / 14P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90DBZR TI-LMT90DBZR Datasheet
886Kb / 14P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50-Q1 TI1-LM50-Q1 Datasheet
853Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50BIM3X TI-LM50BIM3X Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50-Q1 TI1-LM50-Q1_14 Datasheet
854Kb / 16P
SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90 TI-LMT90_15 Datasheet
907Kb / 18P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI-LM50_15 Datasheet
830Kb / 15P
SOT-23 Single-Supply Centigrade Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com