Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASI10554 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASI10554
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASI10554 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASI10554 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 1 mA
45
V
BVCER
IC = 5 mA
RBE = 10
Ω
45
V
BVEBO
IE = 1 mA
3.5
V
ICES
VCE = 28 V
1.0
mA
hFE
VCE = 5.0 V
IC = 200 mA
30
300
---
PG
ηη
C
VCC = 28 V
POUT = 4.0 W
f = 1025 - 1150 MHz
9.0
35
Db
%
NPN SILICON RF POWER TRANSISTOR
AVD004F
DESCRIPTION:
The
ASI AVD004F is Designed for
FEATURES:
•
•
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
650 mA PEAK
VCB
32 V
PDISS
18 W PEAK
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
5.0
OC/W
PACKAGE STYLE .250 2L FLG(B)
ORDER CODE: ASI10554
MINIMUM
inches / mm
1.050 / 26.67
.120 / 3.05
.245 / 6.22
.552 / 14.02
.790 / 20.07
B
C
D
E
F
G
A
MAXIMUM
.255 / 6.48
.572 / 14.53
.810 / 20.57
.140 / 3.56
inches / mm
H
.003 / 0.08
.007 / 0.18
DIM
K
I
J
.052 / 1.32
.072 / 1.83
.130 / 3.30
.088 x 45°
CHAMFER
A
B
Ø D
E
F
G
H
I
K
C
J
.100 X 45°
.095 / 2.41
.105 / 2.67
.285 / 7.24
.210 / 5.33
.120 / 3.05


Similar Part No. - ASI10554

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASI10550 ASI-ASI10550 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI10551 ASI-ASI10551 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10552 ASI-ASI10552 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI10553 ASI-ASI10553 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI10555 ASI-ASI10555 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
More results

Similar Description - ASI10554

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com