Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRAGFB Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRAGFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRAGFB Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRAGFB Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 99Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 97 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
97
Document Revision History
8
2/2009
• Added footnote 6 to Table 7.
•In Section 9.2, “USB AC Electrical Specifications,” clarified that AC table is for ULPI only.
•In Table 39, corrected tLBKHOV parameter to tLBKLOV (output data is driven on falling edge of clock
in DLL bypass mode). Similarly, made the same correction to Figure 22, Figure 24, and Figure 25
for output signals.
• Added footnote 10 and 11 to Table 55 and Table 56.
•In Section 21.1, “System Clocking,” removed “(AVDD1)” and “(AVDD2”) from bulleted list.
•In Section 21.2, “PLL Power Supply Filtering,” in the second paragraph, changed “provide five
independent filter circuits,” and “the five AVDD pins” to provide four independent filter circuits,” and
“the four AVDD pins.”
•In Table 58, corrected the max csb_clk to 266 MHz.
•In Table 64, added PLL configurations 903, 923, A03, A23, and 503 for 533 MHz
• Added footnote 4 to Table 70.
•In Table 70, updated note 1 to say the following: “For temperature range = C, processor frequency
is limited to 533 (TBGA) and 400 (PBGA) with a platform frequency of 266.”
7
4/2007
• In Table 3, “Output Drive Capability,” changed the values in the Output Impedance column and
added USB to the seventh row.
•In Table 4, “Operating Frequencies for TBGA,” added column for 400 MHz.
•In Section 21.7, “Pull-Up Resistor Requirements,“deleted last two paragraphs and after first
paragraph, added a new paragraph.
• Deleted Section 21.8, “JTAG Configuration Signals,” and Figure 43, “JTAG Interface Connection.”
6
3/2007
• Page 1, updated first paragraph to reflect PowerQUICC II Pro information.
• In Table 18, “DDR and DDR2 SDRAM Input AC Timing Specifications,” added note 2 to tCISKEW
and deleted original note 3; renumbered the remaining notes.
• In Figure 43, “JTAG Interface Connection,” updated with new figure.
• In Table 57, “Operating Frequencies for TBGA,” in the ‘Coherent system bus frequency (csb_clk)’
row, changed the value in the 533 MHz column to 100-333.
• In Table 63, “Suggested PLL Configurations,” under the subhead, ‘33 MHz CLKIN/PCI_CLK
Options,’ added row A03 between Ref. No. 724 and 804. Under the subhead ‘66 MHz
CLKIN/PCI_CLK Options,’ added row 503 between Ref. No. 305 and 404. For Ref. No. 306,
changed the CORE PLL value to 0000110.
• In Section 23, “Ordering Information,” replaced first paragraph and added a note.
• In Section 23.1, “Part Numbers Fully Addressed by this Document,” replaced first paragraph.
5
1/2007
• In Table 1, “Absolute Maximum Ratings,” added (1.36 max for 667-MHz core frequency).
• In Table 2, “Recommended Operating Conditions,” added a row showing nominal core supply
voltage of 1.3 V for 667-MHz parts.
• In Table 4, “MPC8347EA Power Dissipation,” added two footnotes to 667-MHz row showing
nominal core supply voltage of 1.3 V for 667-MHz parts.
• In Table 54, “MPC8347EA (TBGA) Pinout Listing,” updated VDD row to show nominal core supply
voltage of 1.3 V for 667-MHz parts.
4
12/2006
Table 19, “DDR and DDR2 SDRAM Output AC Timing Specifications,” modified Tddkhds for 333 MHz
from 900 ps to 775 ps.
3
11/2006
• Updated note in introduction.
• In the features list in Section 1, “Overview,” updated DDR data rate to show 266 MHz for PBGA
parts for all silicon revisions, and 400 MHz for DDR2 for TBGA parts for silicon Rev. 2 and 3.
• In Table 5, “MPC8347EA Typical I/O Power Dissipation,” added GVDD 1.8-V values for DDR2;
added table footnote to designate rates that apply only to the TBGA package.
• In Section 23, “Ordering Information,” replicated note from document introduction.
Table 72. Document Revision History (continued)
Rev.
Number
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com