Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDF3311 Datasheet(PDF) 1 Page - API Technologies Corp

Part # DDF3311
Description  2-, 3- & 4-CHANNEL HIGH SPEED DRIVERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DDF3311 Datasheet(HTML) 1 Page - API Technologies Corp

  DDF3311 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HIGH SPEED DRIVERS
Spectrum Microwave
Tel: 508-485-6350 Fax: 508-485-5168
165 Cedar Hill Street, Marlborough, Ma 01752
www.SpectrumMicrowave.com
METAL WELDED PACKAGE
DDF2311
DDF3311
DDF4311
2-, 3- & 4-CHANNEL
M ultiple independent high-speed drivers with
300 mA peak current spikes.
1. Inputs are non-inverting when M ode control has a
logic high input.
2. Inputs are inverting when M ode control has a logic
low input.
3. To increase switching spike currents, add a capacitor
of up to 560 pF between the output and TP pins.
4. M ode control and input pins are interchangeable
within any one channel.
5. W hen driving anode-grounded diodes, excessive
power dissipation must be avoided. V ee should be
limited to -8V with -5V recommended.
6. The DDF2311/3311/4311 do not have a true current
source output. Instead the output is connected to
a 380-ohm resistor in parallel with a 560 pF capacitor
and the driven end of this RC combination is
switched between +4V and V ee so that the negative
output current varies directly with V ee.
TP
Output
NC
Non-Inverting Input
Ground
M ode #1
M ode #2
Input #2
NC
Output #2
TP
1
22
11
12
395
M A X
645 M A X
(– 5V to
– 15V )
N/C
N/C
DDF2311
XXXX
TOP V IEW
+5V
500 M IN TY P
Pkg
Bottom
0.050
0.038
125
M A X
010 ± 002
500 M IN
TY P
015
645
SQ
M A X
1
22
11
12
Ground
Input #1
M ode Control #1
Input #2
M ode Control #2
Input #3
M ode Control #3
Input #4
M ode Control #4
+5V
Ground
TP1
Output #1
TP2
Output #2
N/C
TP3
Output #3
TP4
Output #4
N/C
+12V
DDF3311/4311
XXXX
TOP V IEW
150
M A X


Similar Part No. - DDF3311

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
DDF3311 APITECH-DDF3311 Datasheet
279Kb / 6P
PIN Diode Drivers
DDF3311 APITECH-DDF3311 Datasheet
1Mb / 1P
2-, 3- & 4-CHANNEL HIGH SPEED DRIVERS
DDF3311 APITECH-DDF3311 Datasheet
279Kb / 6P
PIN Diode Drivers
DDF3311 APITECH-DDF3311 Datasheet
279Kb / 6P
PIN Diode Drivers
More results

Similar Description - DDF3311

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7412C ELANTEC-EL7412C Datasheet
180Kb / 8P
High Speed, Four Channel Power MOSFET Drivers
logo
Texas Instruments
TPS2816-Q1 TI-TPS2816-Q1 Datasheet
394Kb / 21P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
logo
Elantec Semiconductor
EL7104C ELANTEC-EL7104C Datasheet
195Kb / 8P
High Speed, Single Channel, Power MOSFET Drivers
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
High Speed, Dual Channel Power MOSFET Drivers
October 17, 2008
logo
API Technologies Corp
DDF6311 APITECH-DDF6311 Datasheet
1Mb / 1P
FIVE & SIX CHANNEL HIGH SPEED DRIVERS
DDF5311 APITECH-DDF5311 Datasheet
1Mb / 1P
FIVE & SIX CHANNEL HIGH SPEED DRIVERS
DDF2311 APITECH-DDF2311 Datasheet
1Mb / 1P
2-, 3- & 4-CHANNEL HIGH SPEED DRIVERS
DD211B APITECH-DD211B Datasheet
1,020Kb / 1P
HIGH SPEED DRIVERS
DD111M APITECH-DD111M Datasheet
958Kb / 1P
HIGH SPEED DRIVERS
logo
Texas Instruments
TPS2816-Q1 TI1-TPS2816-Q1_15 Datasheet
830Kb / 24P
Single-Channel High-Speed MOSFET Drivers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com