Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD595ADZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD595ADZ
Description  Monolithic Thermocouple Amplifiers with Cold Junction Compensation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD595ADZ Datasheet(HTML) 2 Page - Analog Devices

  AD595ADZ Datasheet HTML 1Page - Analog Devices AD595ADZ Datasheet HTML 2Page - Analog Devices AD595ADZ Datasheet HTML 3Page - Analog Devices AD595ADZ Datasheet HTML 4Page - Analog Devices AD595ADZ Datasheet HTML 5Page - Analog Devices AD595ADZ Datasheet HTML 6Page - Analog Devices AD595ADZ Datasheet HTML 7Page - Analog Devices AD595ADZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD594/AD595–SPECIFICATIONS
REV. C
–2–
Model
AD594A
AD594C
AD595A
AD595C
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
ABSOLUTE MAXIMUM RATING
+VS to –VS
36
36
36
36
Volts
Common-Mode Input Voltage
–VS – 0.15
+VS
–VS – 0.15
+VS
–VS – 0.15
+VS
–VS – 0.15
+VS
Volts
Differential Input Voltage
–VS
+VS
–VS
+VS
–VS
+VS
–VS
+VS
Volts
Alarm Voltages
+ALM
–VS
–VS + 36
–VS
–VS + 36
–VS
–VS + 36
–VS
–VS + 36
Volts
–ALM
–VS
+VS
–VS
+VS
–VS
+VS
–VS
+VS
Volts
Operating Temperature Range
–55
+125
–55
+125
–55
+125
–55
+125
°C
Output Short Circuit to Common
Indefinite
Indefinite
Indefinite
Indefinite
TEMPERATURE MEASUREMENT
(Specified Temperature Range
0
°C to +50°C)
Calibration Error at +25
°C1
3
1
3
1
°C
Stability vs. Temperature
2
0.05
0.025
0.05
0.025
°C/°C
Gain Error
1.5
0.75
1.5
0.75
%
Nominal Transfer Function
10
10
10
10
mV/
°C
AMPLIFIER CHARACTERISTICS
Closed Loop Gain
3
193.4
193.4
247.3
247.3
Input Offset Voltage
(Temperature in
°C) ×
(Temperature in
°C) ×
(Temperature in
°C) ×
(Temperature in
°C) ×
51.70
µV/°C
51.70
µV/°C
40.44
µV/°C
40.44
µV/°C
µV
Input Bias Current
0.1
0.1
0.1
0.1
µA
Differential Input Range
–10
+50
–10
+50
–10
+50
mV
Common-Mode Range
–VS – 0.15
–VS – 4
–VS – 0.15
–VS – 4
–VS – 0.15
–VS – 4
–VS – 0.15
–VS – 4
Volts
Common-Mode Sensitivity – RTO
10
10
10
10
mV/V
Power Supply Sensitivity – RTO
10
10
10
10
mV/V
Output Voltage Range
Dual Supply
–VS + 2.5
+VS – 2
–VS + 2.5
+VS – 2
–VS + 2.5
+VS – 2
–VS + 2.5
+VS – 2
Volts
Single Supply
0
+VS – 2
0
–VS – 2
0
+VS + 2
0
+VS – 2
Volts
Usable Output Current
4
±5
±5
±5
±5mA
3 dB Bandwidth
15
15
15
15
kHz
ALARM CHARACTERISTICS
VCE(SAT) at 2 mA
0.3
0.3
0.3
0.3
Volts
Leakage Current
1
1
1
1
µA max
Operating Voltage at – ALM
+VS – 4
+VS – 4
+VS – 4
+VS – 4
Volts
Short Circuit Current
20
20
20
20
mA
POWER REQUIREMENTS
Specified Performance
+VS = 5, –VS = 0
+VS = 5, –VS = 0
+VS = 5, –VS = 0
+VS = 5, –VS = 0
Volts
Operating
5
+VS to –VS ≤ 30
+VS to –VS ≤ 30
+VS to –VS ≤ 30
+VS to –VS ≤ 30
Volts
Quiescent Current (No Load)
+VS
160
300
160
300
160
300
160
300
µA
–VS
100
100
100
100
µA
PACKAGE OPTION
TO-116 (D-14)
AD594AD
AD594CD
AD595AD
AD595CD
Cerdip (Q-14)
AD594AQ
AD594CQ
AD595AQ
AD595CQ
NOTES
1Calibrated for minimum error at +25
°C using a thermocouple sensitivity of 51.7 µV/°C. Since a J type thermocouple deviates from this straight line approximation, the AD594 will normally
read 3.1 mV when the measuring junction is at 0
°C. The AD595 will similarly read 2.7 mV at 0°C.
2Defined as the slope of the line connecting the AD594/AD595 errors measured at 0
°C and 50°C ambient temperature.
3Pin 8 shorted to Pin 9.
4Current Sink Capability in single supply configuration is limited to current drawn to ground through a 50 k
Ω resistor at output voltages below 2.5 V.
5–V
S must not exceed –16.5 V.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifications
are guaranteed, although only those shown in boldface are tested on all production units.
Specifications subject to change without notic
e.
(@ +25 C and VS = 5 V, Type J (AD594), Type K (AD595) Thermocouple,
unless otherwise noted)
INTERPRETING AD594/AD595 OUTPUT VOLTAGES
To achieve a temperature proportional output of 10 mV/
°C and
accurately compensate for the reference junction over the rated
operating range of the circuit, the AD594/AD595 is gain trimmed
to match the transfer characteristic of J and K type thermocouples
at 25
°C. For a type J output in this temperature range the TC is
51.70
µV/°C, while for a type K it is 40.44 µV/°C. The resulting
gain for the AD594 is 193.4 (10 mV/
°C divided by 51.7 µV/°C)
and for the AD595 is 247.3 (10 mV/
°C divided by 40.44 µV/°C).
In addition, an absolute accuracy trim induces an input offset to
the output amplifier characteristic of 16
µV for the AD594 and
11
µV for the AD595. This offset arises because the AD594/
AD595 is trimmed for a 250 mV output while applying a 25
°C
thermocouple input.
Because a thermocouple output voltage is nonlinear with respect
to temperature, and the AD594/AD595 linearly amplifies the
compensated signal, the following transfer functions should be
used to determine the actual output voltages:
AD594 output = (Type J Voltage + 16
µV) × 193.4
AD595 output = (Type K Voltage + 11
µV) × 247.3 or conversely:
Type J voltage = (AD594 output/193.4) – 16
µV
Type K voltage = (AD595 output/247.3) – 11
µV
Table I lists the ideal AD594/AD595 output voltages as a func-
tion of Celsius temperature for type J and K ANSI standard
thermocouples, with the package and reference junction at
25
°C. As is normally the case, these outputs are subject to cali-
bration, gain and temperature sensitivity errors. Output values
for intermediate temperatures can be interpolated, or calculated
using the output equations and ANSI thermocouple voltage
tables referred to zero degrees Celsius. Due to a slight variation
in alloy content between ANSI type J and DIN FE-CUNI



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com