Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD706AR Datasheet(PDF) 4 Page - Analog Devices

Part # AD706AR
Description  Dual Picoampere Input Current Bipolar Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD706AR Datasheet(HTML) 4 Page - Analog Devices

  AD706AR Datasheet HTML 1Page - Analog Devices AD706AR Datasheet HTML 2Page - Analog Devices AD706AR Datasheet HTML 3Page - Analog Devices AD706AR Datasheet HTML 4Page - Analog Devices AD706AR Datasheet HTML 5Page - Analog Devices AD706AR Datasheet HTML 6Page - Analog Devices AD706AR Datasheet HTML 7Page - Analog Devices AD706AR Datasheet HTML 8Page - Analog Devices AD706AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. E
–4–
AD706–Typical Performance Characteristics
SAMPLE
SIZE: 3000
INPUT OFFSET VOLTAGE –
V
1000
0
–80
–40
0
40
80
400
200
600
800
TPC 1. Typical Distribution
of Input Offset Voltage
SUPPLY VOLTAGE –
Volts
VS
0
510
15
20
–1.5
–1.0
–0.5
1.0
0.5
1.5
–VS
TPC 4. Input Common-Mode Voltage
Range vs. Supply Voltage
OFFSET VOLTAGE DRIFT –
V/ C
200
0
–0.8
–0.4
0
0.4
0.8
80
40
120
160
SAMPLE SIZE: 375
–55 C TO
125 C
TPC 7. Typical Distribution
of Offset Voltage Drift
INPUT BIAS CURRENT – pA
1000
0
–160
–80
0
80
160
400
200
600
800
SAMPLE
SIZE: 5100
TPC 2. Typical Distribution
of Input Bias Current
FREQUENCY – Hz
35
30
0
1k
10k
1M
100k
25
20
15
10
5
TPC 5. Large Signal Frequency
Response
WARM-UP TIME – Minutes
4
0
0
12
3
4
2
3
1
5
TPC 8. Change in Input Offset
Voltage vs. Warm-Up Time
INPUT OFFSET CURRENT – pA
1000
0
–120
–60
0
60
120
400
200
600
800
SAMPLE SIZE: 2400
TPC 3. Typical Distribution
of Input Offset Current
SOURCE RESISTANCE –
100
10
0.1
1k
10k
100M
1.0
100k
1M
10M
SOURCE RESISTANCE
MAY BE EITHER BALANCED
OR UNBALANCED
FOR INDUSTRIAL
TEMPERATURE
RANGE
TPC 6. Offset Voltage Drift
vs. Source Resistance
COMMON-MODE VOLTAGE – Volts
60
–60
–15
–10
–5
0
5
20
40
0
10
–20
–40
15
NEGATIVE IB
POSITIVE IB
TPC 9. Input Bias Current vs.
Common-Mode Voltage
(Default Conditions:
5 V, CL = 5 pF, G = 2, Rg = Rf = 1 k
Ω, RL = 2 kΩ, VO = 2 V p-p, Frequency = 1 MHz, TA = 25 C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com