Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD810ARZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD810ARZ
Description  Low Power Video Op Amp with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810ARZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD810ARZ Datasheet HTML 8Page - Analog Devices AD810ARZ Datasheet HTML 9Page - Analog Devices AD810ARZ Datasheet HTML 10Page - Analog Devices AD810ARZ Datasheet HTML 11Page - Analog Devices AD810ARZ Datasheet HTML 12Page - Analog Devices AD810ARZ Datasheet HTML 13Page - Analog Devices AD810ARZ Datasheet HTML 14Page - Analog Devices AD810ARZ Datasheet HTML 15Page - Analog Devices AD810ARZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD810
REV. A
–14–
2:1 VIDEO MULTIPLEXER
The outputs of two AD810s can be wired together to form a
2:1 mux without degrading the flatness of the gain response.
Figure 54 shows a recommended configuration which results in
–0.1 dB bandwidth of 20 MHz and OFF channel isolation of
77 dB at 10 MHz on
±5 V supplies. The time to switch between
channels is about 0.75
µs when the disable pins are driven by
open drain output logic. Adding pull-up resistors to the logic
outputs or using complementary output logic (such as the
74HC04) reduces the switching time to about 180 ns. The
switching time is only slightly affected by the signal level.
10
90
100
0%
5V
500mV
500nS
Figure 52. Channel Switching Time for the 2:1 Mux
–40
–90
1
10
100
–70
–80
–60
–50
FREQUENCY – MHz
Figure 53. 2:1 Mux OFF Channel Feedthrough vs.
Frequency
AD810
7
3
2
3
0.1µF
+5V
6
VINA
750
Ω
–5V
4
0.1µF
8
VSW
VOUT
75
Ω
75
Ω
CABLE
74HC04
AD810
7
3
2
3
0.1µF
+5V
6
VINB
–5V
4
0.1µF
8
75
Ω
750
Ω
750
Ω
750
Ω
75
Ω
75
Ω
Figure 54. A Fast Switching 2:1 Video Mux
–0.5
–3.0
1
10
100
–1.0
–1.5
–2.0
–2.5
0
0.5
0
–45
–90
–135
–180
–225
–270
PHASE
GAIN
FREQUENCY – MHz
VS = ±5V
Figure 55. 2:1 Mux ON Channel Gain and Phase vs.
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com