Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRU1048-R80Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRU1048-R80Y
Description  Shielded SMD Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRU1048-R80Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRU1048-R80Y Datasheet HTML 1Page - Bourns Electronic Solutions SRU1048-R80Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7.2
(.283)
1.8
(.071)
1.8
(.071)
3.6
(.142)
REF.
REF.
REF.
REF.
7.4
(.291)
TYP.
TYP.
10.0 ± 0.3
(.394 ± .012)
3.4
(.134)
TYP.
3.2
(.126)
TYP.
3.4
(.134)
4.8 ± 0.3
(.189 ± .012)
10.0 ± 0.3
(.394 ± .012)
Features
■ Available in E6 series
■ Unit height of 4.8 mm
■ Current up to 7.8 A
■ RoHS compliant*
Applications
■ Input/output of DC/DC converters
■ Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
SRU1048 Series - Shielded SMD Power Inductors
Test Voltage .......................................1 V
Reflow Soldering .. 230 °C, 50 sec. max.
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Resistance to Soldering Heat
............................. +260 °C for 10 sec.
Electrical Specifications
General Specifications
Core....................Ferrite DR and RI core
Wire ............................Enameled copper
Terminal ....................................Ag/Ni/Sn
Rated Current
................... Ind. drop 35 % typ. at Isat
Temperature Rise
.....................30 °C max. at rated Irms
Packaging.................... 600 pcs. per reel
Materials
Product Dimensions
Recommended Layout
DIMENSIONS:
MM
(INCHES)
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
Bourns
Part Number
Inductance
@ 100 KHz
Q
(Ref.)
Test
Freq.
(MHz)
SRF
Typ.
(MHz)
RDC
(m
Ω)
I rms
Max.
(A)
I sat
Typ.
(A)
**K-
Factor
L (µH)
Tol.
(%)
SRU1048-R80Y
0.8
±30
8
7.96
100.0
3.6
7.80
8.50
266
SRU1048-1R5Y
1.5
±30
14
7.96
70.0
4.3
7.00
7.20
207
SRU1048-2R2Y
2.2
±30
14
7.96
55.0
5.3
6.50
6.30
169
SRU1048-3R0Y
3.0
±30
14
7.96
40.0
7.2
6.20
6.00
143
SRU1048-4R7Y
4.7
±30
12
7.96
30.0
9.5
5.50
4.75
124
SRU1048-6R8Y
6.8
±30
10
7.96
20.0
13.6
4.80
4.10
98
SRU1048-8R2Y
8.2
±30
8
7.96
18.0
15.0
4.60
3.80
89
SRU1048-100Y
10.0
±30
26
7.96
16.0
18.5
4.50
3.70
89
SRU1048-1R2Y
12.0
±30
26
2.52
15.0
25.0
4.00
3.30
81
SRU1048-150Y
15.0
±30
30
2.52
14.0
29.0
3.20
2.70
69
SRU1048-220Y
22.0
±30
22
2.52
12.0
42.0
2.60
2.00
56
SRU1048-330Y
33.0
±30
24
2.52
10.0
63.0
2.10
1.70
48
SRU1048-470Y
47.0
±30
26
2.52
8.0
94.0
1.70
1.50
41
SRU1048-560Y
56.0
±30
26
2.52
7.0
110.0
1.60
1.40
34
SRU1048-680Y
68.0
±30
24
2.52
6.0
127.0
1.40
1.25
33
SRU1048-820Y
82.0
±30
24
2.52
5.5
149.0
1.30
1.10
30
SRU1048-101Y
100.0
±30
26
0.796
5.0
160.0
1.20
1.00
26
SRU1048-151Y
150.0
±30
24
0.796
4.5
235.0
1.00
0.80
21
SRU1048-221Y
220.0
±30
20
0.796
4.0
350.0
0.80
0.70
17
SRU1048-331Y
330.0
±30
18
0.796
3.0
490.0
0.65
0.52
15
SRU1048-561Y
560.0
±30
24
0.796
1.9
890.0
0.47
0.37
12
**K-Factor: To calculate core flux density, Bp-p (gauss) = K x L(µH) x
Δ I (peak-to-peak ripple current, A),
determine core loss from Core Loss vs. Flux Density plot.
Core Loss vs. Flux Density
Flux Density Bp-p (gauss)
100
1000
10000
10
100
1000
1 MHz
500 KHz
300 KHz
200 KHz
100 KHz
50 KHz
10000
1
0.1
330


Similar Part No. - SRU1048-R80Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU1048-R80Y BOURNS-SRU1048-R80Y Datasheet
157Kb / 2P
Shielded SMD Power Inductors
More results

Similar Description - SRU1048-R80Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
Shielded SMD Power Inductors
SRR0905 BOURNS-SRR0905 Datasheet
351Kb / 2P
Shielded SMD Power Inductors
SRU1028 BOURNS-SRU1028 Datasheet
155Kb / 2P
Shielded SMD Power Inductors
logo
Superworld Electronics
STB1106 SUPERWORLD-STB1106 Datasheet
484Kb / 5P
SHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PSH3018 PREMO-PSH3018 Datasheet
356Kb / 11P
SMD Power Inductors Shielded
SHA PREMO-SHA Datasheet
167Kb / 9P
SMD Power Inductors Shielded
logo
Bourns Electronic Solut...
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com