Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7224LP Datasheet(PDF) 1 Page - Analog Devices

Part # AD7224LP
Description  LC2MOS 8-Bit DAC with Output Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7224LP Datasheet(HTML) 1 Page - Analog Devices

  AD7224LP Datasheet HTML 1Page - Analog Devices AD7224LP Datasheet HTML 2Page - Analog Devices AD7224LP Datasheet HTML 3Page - Analog Devices AD7224LP Datasheet HTML 4Page - Analog Devices AD7224LP Datasheet HTML 5Page - Analog Devices AD7224LP Datasheet HTML 6Page - Analog Devices AD7224LP Datasheet HTML 7Page - Analog Devices AD7224LP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS
8-Bit DAC with Output Amplifiers
AD7224
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAM
FEATURES
8-Bit CMOS DAC with Output Amplifiers
Operates with Single or Dual Supplies
Low Total Unadjusted Error:
Less Than 1 LSB Over Temperature
Extended Temperature Range Operation
P-Compatible with Double Buffered Inputs
Standard 18-Pin DIPs, and 20-Terminal Surface
Mount Package and SOIC Package
PRODUCT HIGHLIGHTS
1. DAC and Amplifier on CMOS Chip
The single-chip design of the 8-bit DAC and output amplifier
is inherently more reliable than multi-chip designs. CMOS
fabrication means low power consumption (35 mW typical
with single supply).
2. Low Total Unadjusted Error
The fabrication of the AD7224 on Analog Devices Linear
Compatible CMOS (LC
2MOS) process coupled with a novel
DAC switch-pair arrangement, enables an excellent total un-
adjusted error of less than 1 LSB over the full operating tem-
perature range.
3. Single or Dual Supply Operation
The voltage-mode configuration of the AD7224 allows opera-
tion from a single power supply rail. The part can also be op-
erated with dual supplies giving enhanced performance for
some parameters.
4. Versatile Interface Logic
The high speed logic allows direct interfacing to most micro-
processors. Additionally, the double buffered interface en-
ables simultaneous update of the AD7224 in multiple DAC
systems. The part also features a zero override function.
GENERAL DESCRIPTION
The AD7224 is a precision 8-bit voltage-output, digital-to-
analog converter, with output amplifier and double buffered
interface logic on a monolithic CMOS chip. No external trims
are required to achieve full specified performance for the part.
The double buffered interface logic consists of two 8-bit regis-
ters–an input register and a DAC register. Only the data held in
the DAC registers determines the analog output of the con-
verter. The double buffering allows simultaneous update in a
system containing multiple AD7224s. Both registers may be
made transparent under control of three external lines, CS, WR
and LDAC. With both registers transparent, the RESET line
functions like a zero override; a useful function for system cali-
bration cycles. All logic inputs are TTL and CMOS (5 V) level
compatible and the control logic is speed compatible with most
8-bit microprocessors.
Specified performance is guaranteed for input reference voltages
from +2 V to +12.5 V when using dual supplies. The part is also
specified for single supply operation using a reference of +10 V.
The output amplifier is capable of developing +10 V across a
2 k
Ω load.
The AD7224 is fabricated in an all ion-implanted high speed
Linear Compatible CMOS (LC
2MOS) process which has been
specifically developed to allow high speed digital logic circuits
and precision analog circuits to be integrated on the same chip.


Similar Part No. - AD7224LP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7224LP AD-AD7224LP Datasheet
228Kb / 8P
LC2MOS 8-Bit DAC with Output Amplifiers
REV.B
More results

Similar Description - AD7224LP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7224 AD-AD7224 Datasheet
228Kb / 8P
LC2MOS 8-Bit DAC with Output Amplifiers
REV.B
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228BQ AD-AD7228BQ Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7224 AD-AD7224_15 Datasheet
231Kb / 8P
LC MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7228 AD-AD7228 Datasheet
457Kb / 16P
LC2MOS Octal 8-Bit DAC
12-Oct-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com