Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7722ASZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD7722ASZ
Description  16-Bit, 195 kSPS CMOS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7722ASZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7722ASZ Datasheet HTML 8Page - Analog Devices AD7722ASZ Datasheet HTML 9Page - Analog Devices AD7722ASZ Datasheet HTML 10Page - Analog Devices AD7722ASZ Datasheet HTML 11Page - Analog Devices AD7722ASZ Datasheet HTML 12Page - Analog Devices AD7722ASZ Datasheet HTML 13Page - Analog Devices AD7722ASZ Datasheet HTML 14Page - Analog Devices AD7722ASZ Datasheet HTML 15Page - Analog Devices AD7722ASZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. B
–12–
AD7722–Typical Performance Characteristics
(AVDD = DVDD = 5.0 V, TA = 25 C; CLKIN = 12.5 MHz, AIN = 20 kHz, Bipolar Mode; VIN(+) = 0 V to 2.5 V, VIN(–) = 1.25 V, unless otherwise noted.)
INPUT LEVEL (dB)
110
100
50
–40
–30
0
–20
–10
90
80
70
60
SFDR
S/ (N+D)
TPC 1. S/(N+D) and SFDR vs.
Analog Input Level
INPUT FREQUENCY (kHz)
–85
–90
–115
020
100
40
60
80
–95
–100
–105
–110
THD
SNR
SFDR
VIN (+) = V IN(–) = 1.25V p-p
VCM = 2.5V
TPC 4. SNR, THD, and SFDR
vs. Input Frequency
TEMPERATURE ( C)
–94
–116
–50
–25
100
025
50
75
–96
–108
–110
–112
–114
–100
–102
–106
–104
–98
THD
3RD
4TH
2ND
TPC 7. THD vs. Temperature
OUTPUT DATA RATE (kSPS)
84
92
85
88
89
90
91
86
87
050
300
100
150
200
250
AIN = 1/5
BW
TPC 2. S/(N+D) vs. Output
Sample Rate
OUTPUT DATA RATE (kSPS)
84
92
85
88
89
90
91
86
87
050
300
100
150
200
250
AIN = 1/5
BW
VIN (+) = V IN (–) = 1.25V p-p
VCM = 2.5V
TPC 5. S/(N+D) vs. Output
Sample Rate
CODES
5000
0
n–3
n–2
n+3
n–1
n
n+1
n+2
4500
2000
1500
1000
500
4000
3500
2500
3000
VIN(+) = V IN(–)
CLKIN = 12.5MHz
8k SAMPLES
TPC 8. Histogram of Output
Codes with DC Input
INPUT FREQUENCY (kHz)
–85
–90
–115
020
100
40
60
80
–95
–100
–105
–110
SNR
SFDR
THD
TPC 3. SNR, THD, and SFDR
vs. Input Frequency
TEMPERATURE ( C)
92.0
91.5
88.0
–50
0
100
50
90.0
89.5
88.5
89.0
91.0
90.5
TPC 6. SNR vs. Temperature
CODE
1.0
0.8
–1.0
0
20000
65535
40000
–0.4
–0.8
–0.6
0
–0.2
0.6
0.2
0.4
TPC 9. Differential Nonlinearity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com