Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8033AKS-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8033AKS-R2
Description  Low Cost, 80 MHz FastFET Op Amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8033AKS-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8033AKS-R2 Datasheet HTML 16Page - Analog Devices AD8033AKS-R2 Datasheet HTML 17Page - Analog Devices AD8033AKS-R2 Datasheet HTML 18Page - Analog Devices AD8033AKS-R2 Datasheet HTML 19Page - Analog Devices AD8033AKS-R2 Datasheet HTML 20Page - Analog Devices AD8033AKS-R2 Datasheet HTML 21Page - Analog Devices AD8033AKS-R2 Datasheet HTML 22Page - Analog Devices AD8033AKS-R2 Datasheet HTML 23Page - Analog Devices AD8033AKS-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
AD8033/AD8034
Rev. D | Page 19 of 24
APPLICATIONS INFORMATION
HIGH SPEED PEAK DETECTOR
The low input bias current and high bandwidth of the AD8033/
AD8034 make the parts ideal for a fast settling, low leakage peak
detector. The classic fast-low leakage topology with a diode in
the output is limited to ~1.4 V p-p maximum in the case of the
AD8033/AD8034 because of the protection diodes across the
inputs, as shown in Figure 54.
AD8033/
AD8034
VIN
~1.4V p-p MAX
VOUT
Figure 54. High Speed Peak Detector with Limited Input Range
Using the AD8033/AD8034, a unity gain peak detector can
be constructed that captures a 300 ns pulse while still taking
advantage of the low input bias current and wide common-
mode input range of the AD8033/AD8034, as shown in Figure 55.
Using two amplifiers, the difference between the peak and the
current input level is forced across R2 instead of either amplifier’s
input pins. In the event of a rising pulse, the first amplifier
compensates for the drop across D2 and D3, forcing the voltage
at Node 3 equal to Node 1. D1 is off and the voltage drop across
R2 is zero. Capacitor C3 speeds up the loop by providing the
charge required by the input capacitance of the first amplifier,
helping to maintain a minimal voltage drop across R2 in the
sampling mode. A negative going edge results in D2 and D3
turning off and D1 turning on, closing the loop around the
first amplifier and forcing VOUT − VIN across R2. R4 makes
the voltage across D2 zero, minimizing leakage current and
kickback from D3 from affecting the voltage across C2.
The rate of the incoming edge must be limited so that the output
of the first amplifier does not overshoot the peak value of VIN
before the output of the second amplifier can provide negative
feedback at the summing junction of the first amplifier. This
is accomplished with the combination of R1 and C1, which
allows the voltage at Node 1 to settle to 0.1% of VIN in 270 ns.
The selection of C2 and R3 is made by considering droop
rate, settling time, and kickback. R3 prevents overshoot from
occurring at Node 3. The time constants of R1, C1 and R3, C2
are roughly equal to achieve the best performance. Slower time
constants can be selected by increasing C2 to minimize droop
rate and kickback at the cost of increased settling time. R1 and
C1 should also be increased to match, reducing the incoming
pulse’s effect on kickback.
AD8034
1/2
C3
10pF
R2
1kΩ
R1
1kΩ
AD8034
1/2
–VS
+VS
C1
39pF/
120pF
LS4148
VIN
R5
49.9Ω
D1
4.7pF
C4
R4
6kΩ
D3
LS4148
–VS
+VS
LS4148
R3
200Ω
C2
180pF/
560pF
VOUT
D2
Figure 55. High Speed, Unity Gain Peak Detector Using AD8034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com