Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8205WYRZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8205WYRZ-R7
Description  Single-Supply 42 V System Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8205WYRZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8205WYRZ-R7 Datasheet HTML 1Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 2Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 3Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 4Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 5Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 6Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 7Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 8Page - Analog Devices AD8205WYRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Single-Supply 42 V System
Difference Amplifier
Data Sheet
AD8205
Rev.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Ideal for current shunt applications
High common-mode voltage range
−2 V to +65 V operating
−25 V to +75 V survival
Gain = 50 V/V
Wide operating temperature range:
−40°C to +125°C for Y and W grade
−40°C to +150°C for H grade
Bidirectional operation
Available in 8-lead SOIC
Qualified for automotive applications
EXCELLENT AC AND DC PERFORMANCE
15 µV/°C offset drift
30 ppm/°C gain drift
80 dB CMRR dc to 20 kHz
APPLICATIONS
High-side current sensing in:
Motor controls
Transmission controls
Diesel injection controls
Engine management
Suspension controls
Vehicle dynamic controls
DC-to-dc converters
FUNCTIONAL BLOCK DIAGRAM
AD8205
8
1
4
2
3
7
5
6
+IN
–IN
NC
NC = NO CONNECT
GND
V+
OUT
VREF1
VREF2
Figure 1.
GENERAL DESCRIPTION
The AD8205 is a single-supply difference amplifier for
amplifying small differential voltages in the presence of large
common-mode voltages. The operating input common-mode
voltage range extends from −2 V to +65 V. The typical single-
supply voltage is 5 V.
The AD8205 is offered in an 8-lead SOIC package and rated for
operation from −40°C to +125°C for the Y and W grade
models. The H grade version of the AD8205 is rated from
−40°C to +150°C.
Excellent dc performance over temperature keeps errors in the
measurement loop to a minimum. Offset drift is typically less
than 15 µV/°C, and gain drift is typically below 30 ppm/°C.
The output offset can be adjusted from 0.05 V to 4.8 V with a
5 V supply by using the VREF1 and VREF2 pins. With VREF1
attached to the V+ pin, and VREF2 attached to the GND pin, the
output is set at half scale. Attaching both pins to GND causes
the output to be unipolar, starting near ground. Attaching both
pins to V+ causes the output to be unipolar starting near V+.
Other offsets can be obtained by applying an external voltage to
the VREF1 and VREF2 pins.
D


Similar Part No. - AD8205WYRZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8205WYRZ-R7 AD-AD8205WYRZ-R7 Datasheet
457Kb / 12P
Single-Supply 42 V System Difference Amplifier
REV. D
More results

Similar Description - AD8205WYRZ-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
3.3V Single Supply Video Difference Amplifier
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
Single-Supply DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
Single-Supply 42 V System Difference Amplifier
4/04-Revision 0
AD8206 AD-AD8206 Datasheet
262Kb / 12P
Single-Supply 42 V System Difference Amplifier
6/04-Revision 0
AD8206 AD-AD8206_05 Datasheet
344Kb / 12P
Single-Supply, 42 V System Difference Amplifier
REV. 0
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
Single-Supply 42 V System Difference Amplifier
REV. D
logo
Texas Instruments
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
3.3V Single Supply Video Difference Amplifier
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
Single-Supply DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com