Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4627-1ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4627-1ACPZ-R2
Description  30 V, High Speed, Low Noise, Low Bias Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4627-1ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4627-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4627-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4627-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4627-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4627-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4627-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4627-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4627-1ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4627-1ACPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADA4627-1/ADA4637-1
Data Sheet
Rev. E | Page 12 of 20
Figure 40. PSRR vs. Frequency
Figure 41. Closed-Loop Gain vs. Frequency
Figure 42. Large Signal Transient Response
Figure 43. Small Signal Transient Response
Figure 44. Slew Rate Falling
Figure 45. Slew Rate Rising
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
PSRR+
PSRR–
ADA4637-1
VSY = ±15V
AV = +5
TA = 25°C
–10
0
10
20
30
40
50
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
ADA4637-1
VSY = ±15V
RF = 1kΩ,
CF = 4.8pF
TA = 25ºC
AV = +5
AV = +10
AV = +100
TIME (200ns/DIV)
ADA4637-1
TA = 25°C
AV = +5
VSY = ±15V
RIN = 500Ω
RF = 2kΩ
CF = 3pF
TIME (200ns/DIV)
ADA4637-1
TA = 25°C
AV = +5
VSY = ±15V
RIN = 500Ω
RF = 2kΩ
CF = 4.8pF
CL = 50pF
TIME (100ns/DIV)
ADA4637-1
TA = 25°C
AV = –4
VSY = ±15V
RIN = 500Ω
RF = 2kΩ
CF = 4.8pF
TIME (100ns/DIV)
ADA4637-1
TA = 25°C
AV = –4
VSY = ±15V
RIN = 500Ω
RF = 2kΩ
CF = 4.8pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com