Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4627-1ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4627-1ACPZ-R7
Description  30 V, High Speed, Low Noise, Low Bias Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4627-1ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4627-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4627-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4627-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4627-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4627-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4627-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4627-1ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4627-1ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4627-1ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADA4627-1/ADA4637-1
Data Sheet
Rev. E | Page 8 of 20
Figure 16. Supply Current vs. Supply Voltage
Figure 17. THD + N vs. VIN
Figure 18. Closed-Loop Gain vs. Frequency
Figure 19. THD + N vs. Frequency
Figure 20. Input Bias Current vs. Temperature
Figure 21. Input Bias Current vs. VCM and Temperature
0
1
2
3
4
5
6
7
8
0
4
8
12
16
20
24
28
32
36
SUPPLY VOLTAGE (V)
ADA4627-1
TA = 25°C
SOIC PACKAGE
0.00001
0.0001
0.001
0.01
0.1
0.001
0.01
0.1
1
AMPLITUDE (V rms)
ADA4627-1
TA = 25°C
VSY = ±15V
VIN = 1kHz
RL = 600Ω
80kHz FILTER
–20
–10
0
10
20
30
40
50
60
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (kHz)
AV = +100
AV = +10
AV = +1
ADA4627-1
TA = 25°C
VSY = ±15V
0.01
0.1
1
10
FREQUENCY (kHz)
0.01
0.001
0.0001
0.00001
ADA4627-1
TA = 25°C
VSY = ±15V
VIN = 810mV
RL = 600Ω
80kHz FILTER
0.1
1
10
100
1,000
10,000
10
30
50
70
90
110
130
TEMPERATURE (°C)
y = 0.28950.0647x
R2 = 0.9991
EXTRAPOLATED
MEASURED
ADA4627-1
VSY = ±15V
VCM (V)
+25ºC
+85°C
IB+
IB+
IB
IB
–15
–10
–5
0
5
10
15
ADA4627-1
VSY = ±15V
100
75
50
25
0
–25
–50
–75
–100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com