Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3045 Datasheet(PDF) 1 Page - Tyco Electronics

Part # D3045
Description  FP2-Relay Dimensions
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D3045 Datasheet(HTML) 1 Page - Tyco Electronics

  D3045 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
ANGLES
WEIGHT
APPLICATION SPEC
PRODUCT SPEC
OF
MATERIAL
FINISH
DWN
CHK
APVD
NAME
SIZE
CAGE CODE DRAWING NO
SCALE
SHEET
REV
LOC
DIST
REVISIONS
P
LTR
DATE
DWN
APVD
DESCRIPTION
1469-35 (3/11)
A4
RESTRICTED TO
THIS DRAWING IS A CONTROLLED DOCUMENT.
TE Connectivity
9±0.05
14±0.05
(1.92)
2.54+0.15
-0.15
2.54+0.15
-0.15
2.54+0.15
-0.15
2.54+0.15
-0.15
0.5
7.62+0.15
-0.15
0.2
0.2
xxxx = Relay type
zz = nominal voltage
YYWW = Date code
1
3
4
5
10
8
7
6
Relay - bottom view
2
9
A2
Doc change D02239-DOK51 to C-1462033-2
30Jan2006
UKo
HD
A3
change marking
28Jul2006
UKo
HD
A4
REVISED PER ECO-11-005150
23MAR2011
RK
HMR
A5
REVISED PER ECO-13-009556
14JUN2013
UKo
AK
HJ
-
23AUG1995
mm
AB 9124
-
-
23AUG1995
HD 9121
23AUG1995
DIN 7168-m
HD 9121
-
-
FP2-Relay
-
-
-
Dimensions
-
-
-
-
00779
1462033-2
-
CUSTOMER DRAWING
4:1
1
1
A5
DRAWING ALIAS:
D02239-DOK51


Similar Part No. - D3045

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
D3041N EUPEC-D3041N Datasheet
288Kb / 8P
Netz-Gleichrichterdiode Rectifier Diode
D3041N EUPEC-D3041N Datasheet
212Kb / 8P
Rectifier Diode
logo
Infineon Technologies A...
D3041N INFINEON-D3041N Datasheet
318Kb / 9P
High DC blocking stability
logo
eupec GmbH
D3041N EUPEC-D3041N_05 Datasheet
212Kb / 8P
Rectifier Diode
logo
List of Unclassifed Man...
D304RP ETC1-D304RP Datasheet
101Kb / 2P
Short Circuit Protected Regulated, 3W SIP DC/DC Converters
More results

Similar Description - D3045

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
1393792-2 TRUMPOWER-1393792-2 Datasheet
22Kb / 1P
D2n-Relay Dimensions
logo
Panasonic Semiconductor
AQY222R1S PANASONIC-AQY222R1S Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
logo
Tyco Electronics
D3009 MACOM-D3009 Datasheet
24Kb / 1P
FP2-RELAY DIMENSIONS
C93401 MACOM-C93401 Datasheet
30Kb / 2P
MT2-RELAY Dimensions
logo
Panasonic Semiconductor
AQY21 PANASONIC-AQY21 Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQY225NS ETC2-AQY225NS Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
AQY225NSZ ETC2-AQY225NSZ Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
logo
Tyco Electronics
D3006 MACOM-D3006 Datasheet
78Kb / 1P
FP2-Relay Dimensions
logo
List of Unclassifed Man...
AQW410EHA ETC2-AQW410EHA Datasheet
171Kb / 3P
PhotoMOS Relay Dimensions
logo
Tyco Electronics
D3061 MACOM-D3061 Datasheet
78Kb / 1P
FP2-Relay Dimensions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com