Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF261 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMF261
Description  PCS A-Band Transmit Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMF261 Datasheet(HTML) 1 Page - API Technologies Corp

  CMF261 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMF261
PCS A-Band Transmit Filter
Passband:
1930 to 1945 MHz
Insertion Loss:
1.0 dB max.
Return Loss:
16 dB min.
Rejection:
DC – 1910 MHz
55 dB min.
1970 - 4000 MHz
55 dB min.
Operating Temperature:
0 to +60° Celsius
Storage Temperature
-40° to +85° Celsius
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363
• Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMF261

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMF26A CENTRAL-CMF26A Datasheet
86Kb / 2P
UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS
CMF26A CENTRAL-CMF26A Datasheet
606Kb / 3P
SURFACE MOUNT UNI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS
CMF26A CENTRAL-CMF26A Datasheet
606Kb / 3P
UNI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - CMF261

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM6M4001 TRIQUINT-TQM6M4001 Datasheet
228Kb / 17P
3V Quad-Band GSM850/900 DCS/PCS Transmit Module
TQM6M4003 TRIQUINT-TQM6M4003 Datasheet
165Kb / 1P
3V Quad-Band GSM850/900 DCS/PCS Transmit Module
logo
RF Micro Devices
RF7115 RFMD-RF7115 Datasheet
572Kb / 22P
QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
logo
EPCOS
B9428 EPCOS-B9428 Datasheet
81Kb / 9P
SAW Tx filter WCDMA Band II (PCS-Band)
logo
TriQuint Semiconductor
TQM6M4002 TRIQUINT-TQM6M4002 Datasheet
288Kb / 1P
3V Quad-Band GSM850/900 DCS/PCS Transmit Module
logo
RF Micro Devices
RF7115 RFMD-RF7115_1 Datasheet
754Kb / 22P
QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
logo
EPCOS
B9477 EPCOS-B9477 Datasheet
103Kb / 8P
SAW Filter PCS / WCDMA band II
logo
API Technologies Corp
CMF258 APITECH-CMF258 Datasheet
113Kb / 1P
AMPS A-Band Transmit Filter
CMF241 APITECH-CMF241 Datasheet
112Kb / 1P
PCS A/D Band Transmit Filter
CMF201 APITECH-CMF201 Datasheet
118Kb / 1P
PCS B-Band Receive Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com