Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF242 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMF242
Description  PCS Fullband Diversity Receive Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMF242 Datasheet(HTML) 1 Page - API Technologies Corp

  CMF242 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMF242
PCS Fullband Diversity Receive Filter
Passband:
1850 - 1910 MHz
Insertion Loss:
1.0 dB max.
Return Loss:
16 dB min.
Rejection:
DC - 1825 MHz
60 dB min.
1930 - 4000 MHz
60 dB min.
4000 – 6000 MHz
40 dB min.
Operating Temperature:
0 to +60° Celsius
Storage Temperature
-40° to +85° Celsius
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Suite B, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMF242

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMF241 APITECH-CMF241 Datasheet
112Kb / 1P
PCS A/D Band Transmit Filter
CMF248 APITECH-CMF248 Datasheet
106Kb / 1P
10 GHz Bandpass Filter
CMF249 APITECH-CMF249 Datasheet
107Kb / 1P
34.5 GHz Bandpass Filter
logo
Central Semiconductor C...
CMF24A CENTRAL-CMF24A Datasheet
86Kb / 2P
UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS
CMF24A CENTRAL-CMF24A Datasheet
606Kb / 3P
SURFACE MOUNT UNI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS
More results

Similar Description - CMF242

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD243 APITECH-CMD243 Datasheet
144Kb / 2P
PCS Fullband Duplexer
CMD161 APITECH-CMD161 Datasheet
108Kb / 1P
PCS Fullband Duplexer
CMF252 APITECH-CMF252 Datasheet
113Kb / 1P
AMPS Fullband Transmit Filter
CMF201 APITECH-CMF201 Datasheet
118Kb / 1P
PCS B-Band Receive Filter
CMF117 APITECH-CMF117 Datasheet
118Kb / 1P
AMPS Fullband Receive Filter
logo
Skyworks Solutions Inc.
SKY13750 SKYWORKS-SKY13750 Datasheet
165Kb / 2P
MB/HB Diversity Receive LNA Module
RFX2411 SKYWORKS-RFX2411 Datasheet
998Kb / 9P
2.4GHZ TRANSMIT / RECEIVE ZIGBEE RFEIC WITH DIVERSITY SWITCH
logo
Will Semiconductor Ltd.
WS7808QD WILLSEMI-WS7808QD Datasheet
1Mb / 14P
0.1GHz ??3GHz DP8T Diversity Receive Antenna Switch
WS7810QD WILLSEMI-WS7810QD Datasheet
1Mb / 14P
0.1GHz ??3GHz DP10T Diversity Receive Antenna Switch
WS7812QD WILLSEMI-WS7812QD Datasheet
1Mb / 14P
0.1GHz ??3GHz DP12T Diversity Receive Antenna Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com