Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF211 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMF211
Description  JCDMA Receive Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMF211 Datasheet(HTML) 1 Page - API Technologies Corp

  CMF211 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMF211
JCDMA Receive Filter
Passband:
915 to 925 MHz
Insertion Loss:
1.5 dB max.
Return Loss:
16 dB min.
Rejection:
DC – 880 MHz
80 dB min.
880 – 900 MHz
60 dB min.
900 – 910 MHz.
50 dB min.
930 – 940 MHz
50 dB min.
940 – 960 MHz
60 dB min.
960 - 2000 MHz
80 dB min.
Connectors:
SMA Female Input / Output
Operating Temperature:
0 to +60° Celsius
Storage Temperature
-40° to +85° Celsius
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMF211

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMF21T-121M-N2 ETC2-CMF21T-121M-N2 Datasheet
232Kb / 4P
SMD Multilayer Common Mode Filter
CMF21T-670M-N2 ETC2-CMF21T-670M-N2 Datasheet
232Kb / 4P
SMD Multilayer Common Mode Filter
CMF21T-900M-N2 ETC2-CMF21T-900M-N2 Datasheet
232Kb / 4P
SMD Multilayer Common Mode Filter
More results

Similar Description - CMF211

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
2912A INTEL-2912A Datasheet
680Kb / 12P
PCM TRANSMIT/RECEIVE FILTER
logo
Sony Corporation
CXG1156K SONY-CXG1156K Datasheet
84Kb / 6P
POWER AMPLIFIER MODULE FOR JCDMA
CXG1178K SONY-CXG1178K Datasheet
75Kb / 6P
POWER AMPLIFIER MODULE FOR JCDMA
logo
PCA ELECTRONICS INC.
EPB5012G PCA-EPB5012G Datasheet
27Kb / 1P
Receive Band Pass Filter
logo
TriQuint Semiconductor
TQM640002 TRIQUINT-TQM640002 Datasheet
695Kb / 16P
GPS LNA-Filter Receive Module
logo
fujitsu semiconductor
FAR-G5KL-911M50-D4XC FUJITSU-FAR-G5KL-911M50-D4XC Datasheet
220Kb / 9P
JCDMA(BW27MHz)/ Cell Tx
logo
API Technologies Corp
CMF242 APITECH-CMF242 Datasheet
110Kb / 1P
PCS Fullband Diversity Receive Filter
CMF201 APITECH-CMF201 Datasheet
118Kb / 1P
PCS B-Band Receive Filter
CMF117 APITECH-CMF117 Datasheet
118Kb / 1P
AMPS Fullband Receive Filter
logo
TriQuint Semiconductor
TQQ0041 TRIQUINT-TQQ0041_15 Datasheet
107Kb / 1P
Band 41 Receive BAW Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com