Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF201 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMF201
Description  PCS B-Band Receive Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMF201 Datasheet(HTML) 1 Page - API Technologies Corp

  CMF201 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMF201
PCS B-Band Receive Filter
Passband:
1870.6 to 1884.4 MHz
Insertion Loss:
1.0 dB max.
Return Loss:
16 dB min.
Rejection:
DC – 1849 MHz
55 dB min.
1911 - 4000 MHz
55 dB min.
Operating Temperature:
0 to +60° Celsius
Storage Temperature
-40° to +85° Celsius
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363
• Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMF201

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMF20120D CREE-CMF20120D Datasheet
2Mb / 13P
Silicon Carbide Power MOSFET
logo
Vishay Siliconix
CMF20120R00JNR6 VISHAY-CMF20120R00JNR6 Datasheet
172Kb / 5P
Metal Film Resistors, Industrial, Precision
02-May-13
logo
List of Unclassifed Man...
CMF2012H ETC1-CMF2012H Datasheet
144Kb / 2P
Common Mode SMD Filter for Signal Line
CMF2012H3-900-2P-T ETC1-CMF2012H3-900-2P-T Datasheet
144Kb / 2P
Common Mode SMD Filter for Signal Line
logo
Vishay Siliconix
CMF201M0000BEEA VISHAY-CMF201M0000BEEA Datasheet
109Kb / 5P
CMF Industrial Metal Film Resistors, Axial, Industrial, Precision
07-May-2024
More results

Similar Description - CMF201

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MBF9402B OKI-MBF9402B Datasheet
37Kb / 5P
SAW Band Pass Filter for US-PCS
logo
EPCOS
B9428 EPCOS-B9428 Datasheet
81Kb / 9P
SAW Tx filter WCDMA Band II (PCS-Band)
logo
PCA ELECTRONICS INC.
EPB5012G PCA-EPB5012G Datasheet
27Kb / 1P
Receive Band Pass Filter
logo
EPCOS
B9459 EPCOS-B9459 Datasheet
110Kb / 9P
SAW TX Filter PCS / WCDMA Band II
B9477 EPCOS-B9477 Datasheet
103Kb / 8P
SAW Filter PCS / WCDMA band II
logo
API Technologies Corp
CMD102 APITECH-CMD102 Datasheet
115Kb / 1P
PCS B-Band Duplexer
CMF261 APITECH-CMF261 Datasheet
119Kb / 1P
PCS A-Band Transmit Filter
CMF242 APITECH-CMF242 Datasheet
110Kb / 1P
PCS Fullband Diversity Receive Filter
CMF241 APITECH-CMF241 Datasheet
112Kb / 1P
PCS A/D Band Transmit Filter
logo
TriQuint Semiconductor
TQQ0041 TRIQUINT-TQQ0041_15 Datasheet
107Kb / 1P
Band 41 Receive BAW Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com