Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD260 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD260
Description  13 GHz Diplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD260 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD260 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
______________________________________________________________________________________________________
CMD260
13 GHz Diplexer
The CMD260 Diplexer is available in three 90 MHz Passband configurations. Please contact CMT for your
specific application.
Receive Channel
Transmit Channel
Passband:
(-1) 12.745 - 12.835 MHz
Passband:
(-1) 13.011 – 13.101 MHz
(-2) 12.825 – 12.915 MHz
(-2) 13.091 – 13.181 MHz
(-3) 12.905 – 12.995 MHz
(-3) 13.171 – 13.261 MHz
Insertion Loss:
1.2 dB max.
Insertion Loss:
1.2 dB max.
Flatness:
0.2 dB max.
Flatness:
0.2 dB max.
Return Loss:
20.0 dB min.
Return Loss:
20.0 dB min.
Rejection:
Rejection:
TX Passband:
65 dB min
RX Passband:
65 dB min.
Isolation Tx to Rx:
65 dB min.
Isolation Rx to Tx:
65 dB min.
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Suite B, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD260

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD261 MMIC-CMD261 Datasheet
300Kb / 10P
High IF Bandwidth Mixer
logo
Qorvo, Inc
CMD261 QORVO-CMD261 Datasheet
300Kb / 10P
High IF Bandwidth Mixer
logo
Custom MMIC Design Serv...
CMD262 MMIC-CMD262 Datasheet
199Kb / 8P
26-28 GHz GaN Power Amplifier
logo
Qorvo, Inc
CMD262 QORVO-CMD262 Datasheet
293Kb / 9P
26-28 GHz GaN Power Amplifier
Rev. A, June 14, 2022
logo
Custom MMIC Design Serv...
CMD263 MMIC-CMD263 Datasheet
428Kb / 10P
5-11 GHz Low Noise Amplifier
More results

Similar Description - CMD260

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CPA-13-6014 TELEDYNE-CPA-13-6014 Datasheet
894Kb / 2P
Amplifier 6 GHz - 13 GHz
CPA-13-6016 TELEDYNE-CPA-13-6016 Datasheet
892Kb / 2P
Amplifier 6 GHz - 13 GHz
TMA-13-6003 TELEDYNE-TMA-13-6003 Datasheet
889Kb / 2P
Amplifier 6 GHz - 13 GHz
logo
Johanson Technology Inc...
2450DP15A5512 JOHANSON-2450DP15A5512 Datasheet
103Kb / 2P
2.45/5.512 GHz Diplexer
logo
API Technologies Corp
CMWD198 APITECH-CMWD198 Datasheet
116Kb / 1P
30 GHz Waveguide Diplexer
CMWD168 APITECH-CMWD168 Datasheet
109Kb / 1P
26 GHz Waveguide Diplexer
CMWD156 APITECH-CMWD156 Datasheet
113Kb / 1P
25 GHz Waveguide Diplexer
CMD190 APITECH-CMD190 Datasheet
111Kb / 1P
10 GHz Diplexer
CMWD140 APITECH-CMWD140 Datasheet
114Kb / 1P
39 GHz Waveguide Diplexer
logo
KR Electronics, Inc.
3227 KR-3227 Datasheet
93Kb / 3P
3 GHz Diplexer Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com