Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD259 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD259
Description  AMPS A-Band Duplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD259 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD259 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD259
AMPS A-Band Duplexer
Receive Channel
Transmit Channel
Passband:
824 – 846.5 MHz
Passband:
869 – 891.5 MHz
Insertion Loss:
1.8 dB max.
Insertion Loss:
0.5 dB max.
Return Loss:
18.0 dB min.
Return Loss:
18.0 dB min.
Rejection:
Rejection:
DC - 800 MHz
90 dB min
DC - 849 MHz
90 dB min.
800 – 820 MHz
30 dB min.
898 – 925 MHz
30 dB min.
820 – 822.5 MHz
20 dB min.
925 – 2000 MHz
70 dB min.
822.5 – 823 MHz
7.5 dB min.
Isolation Rx to Tx:
90 dB min.
847.5 – 848 MHz
7.5 dB min.
Power:
750 Watts CW
848 – 854 MHz
20 dB min.
12.5 kW PIP
854 – 869 MHz
30 dB min.
Sample Port:
869 – 2000 MHz
90 dB min.
Coupling:
-50 dB +/-3.0
Isolation Tx to Rx:
90 dB min.
IMD:
-120 dBm max.@ RX
port /two 20 Watt CW
Carriers into TX port.
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD259

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD251C3 MMIC-CMD251C3 Datasheet
798Kb / 11P
4-8.5 GHz Fundamental Mixer
logo
Qorvo, Inc
CMD251C3 QORVO-CMD251C3 Datasheet
798Kb / 11P
4-8.5 GHz Fundamental Mixer
logo
Custom MMIC Design Serv...
CMD252C4 MMIC-CMD252C4 Datasheet
678Kb / 11P
4-8 GHz I/Q Mixer
logo
Qorvo, Inc
CMD252C4 QORVO-CMD252C4 Datasheet
678Kb / 11P
4-8 GHz I/Q Mixer
CMD253 QORVO-CMD253 Datasheet
327Kb / 11P
6-14 GHz High IP3 Fundamental Mixer
More results

Similar Description - CMD259

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM613017 TRIQUINT-TQM613017 Datasheet
131Kb / 1P
PowerPadTM CDMA/AMPS Cellular Band PA/Duplexer Module
logo
API Technologies Corp
CMD234 APITECH-CMD234 Datasheet
117Kb / 1P
AMPS B-Band Duplexer
CMD157 APITECH-CMD157 Datasheet
129Kb / 2P
AMPS Duplexer
CMD139 APITECH-CMD139 Datasheet
115Kb / 1P
AMPS FullBand Duplexer
CMD116 APITECH-CMD116 Datasheet
108Kb / 1P
AMPS Fullband Duplexer
CMD108-02 APITECH-CMD108-02 Datasheet
92Kb / 1P
AMPS Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-6103 AVAGO-ACMD-6103 Datasheet
756Kb / 14P
Band 3 Duplexer
logo
Transko Electronics, In...
TD455AK2 TRANSKO-TD455AK2 Datasheet
773Kb / 5P
CDMA450 A-Band, SAW Duplexer
Revision 1:
TD455BK3 TRANSKO-TD455BK3 Datasheet
630Kb / 7P
CDMA450 A-Band, SAW Duplexer
Revision 1: December 2005
TD455CK3 TRANSKO-TD455CK3 Datasheet
651Kb / 7P
CDMA450 A-Band, SAW Duplexer
Revision 1: June 2007
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com