Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM9092 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM9092
Description  RF AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM9092 Datasheet(HTML) 1 Page - API Technologies Corp

  TM9092 Datasheet HTML 1Page - API Technologies Corp TM9092 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Typical Intermodulation Performance at 25 ºC*
Second Order Harmonic Intercept Point....... +56 dBm (Typ.)
Second Order Two Tone Intercept Point.........+50 dBm (Typ.)
Third Order Two Tone Intercept Point.............+38 dBm (Typ.)
RF AMPLIFIER
MODEL
TM9092
Available as:
TM9092, 4 Pin .500” TO-8LP (Low Profile)
TN9092, 4 Pin .450” Sq. Surface Mount (SM3)
BX9092, SMA Connectorized Housing (H1)
BXP9092, SMA Connectorized Housing (HPak)
Features




Wide Bandwidth 30-2200 MHz
 Low Noise Figure: 1.5 dB




Cross to the Cougar AC2092, our Model TM9092




Cross to the Cougar ACP2092, our Model BXP9092




Environmental Screening Available
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Typical Performance Data
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +12 Volts
Continuous RF Input Power .................................. +21 dBm
Short Term RF Input Power .......... +24 dBm (1 Minute Max.)
Maximum Peak Power ................... +27 dBm (3
μsec Max.)
Revision 5/14/2012
Power
Vdc
+5
+5
mA
100
108 Max.
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency (MHz)
30 -2200 MHz
30 -2000 MHz
Noise Figure
(300-2000 MHz)
<1.5 dB
2.0 dB Max.
VSWR
In
1.50:1
2.0:1 Max.
Out
1.50:1
2.0:1 Max.
Reverse Isolation
23 dB
Power @ 1 dB
Comp.
+21.5 dBm
+20.0 dBm Min.
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Gain
18.0 dB
16.0 dB Min.
Gain Flatness
+/- 0.4 dB
+/- 0.7 Max.
*Typical @ 25C measured at 500 MHz
Note: Measured in a 50 ohm system at +5 volts DC.


Similar Part No. - TM9092

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9091 APITECH-TM9091 Datasheet
66Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - TM9092

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1005 SPECTRUM-BXMP1005 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
RF AMPLIFIER
BXMP1019 SPECTRUM-BXMP1019 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1031 SPECTRUM-BXMP1031 Datasheet
65Kb / 1P
RF AMPLIFIER
BXMP1035 SPECTRUM-BXMP1035 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8020 SPECTRUM-CZ8020 Datasheet
40Kb / 1P
RF AMPLIFIER
CZ8110 SPECTRUM-CZ8110 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8120 SPECTRUM-CZ8120 Datasheet
43Kb / 1P
RF AMPLIFIER
CZ8203 SPECTRUM-CZ8203 Datasheet
62Kb / 1P
RF AMPLIFIER
CZ8310 SPECTRUM-CZ8310 Datasheet
46Kb / 1P
RF AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com