Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM9064 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM9064
Description  RF AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM9064 Datasheet(HTML) 1 Page - API Technologies Corp

  TM9064 Datasheet HTML 1Page - API Technologies Corp TM9064 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point........+52 dBm (Typ.)
Second Order Two Tone Intercept Point.........+46 dBm (Typ.)
Third Order Two Tone Intercept Point.............+27 dBm (Typ.)
Available as:
TM9064, 4 Pin 0.500” TO-8 (T4)
TN9064, 4 Pin 0.450” Sq. Surface Mount (SM3)
BX9064, SMA Connectorized Housing (H1L-Laser)
BXP9064, SMA Connectorized Housing (HPak)
Features




Ultra Broad Bandwidth 100-3000 MHz




High Gain: 18.5 dB Typical




Cross to the Cougar AC3064, our Model BX9064




Cross to the Cougar ACP3064, our Model BXP9064




Screening to the Tables of MIL-STD-883 Available
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Typical Performance Data
Maximum (No Damage) Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +17 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power .... 100 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
μsec Max.)
RF AMPLIFIER
MODEL TM9064
Revision 5/16/2012
Spectrum Microwave · 1900 West College Ave. · State College, PA. 16801· PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, PA. 19154 · PH (215) 618-3700 · Fax (215) 464-4001
www.SpectrumMicrowave.com
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
100 - 3000 MHz
100 - 3000 MHz
Power
Vdc
+15
+15
mA
80
88 Max.
VSWR
In
1.5:1
2.0:1 Max.
Out
1.5:1
2.0:1 Max.
Reverse
Isolation (dB)
-36 dB
-
Noise Figure (dB)
(400-3000 MHz)
3.3 dB
4.5 dB Max.
(100-400 MHz)
4.5 dB
5.5 dB Max.
Gain
18.5 dB
16.5 dB Min.
Gain Flatness
+/- 0.3 dB
+/- 0.8 dB Max.
Power Output
@ 1 dB Comp. (dBm)
+16.5 dBm
+15.0 dBm
(Typical at 25ºC under a +15 volt supply)
2.0
1.5
1.0
2.0
1.5
1.0
2
17
+18
+17
+16
+15
+14
0
-10
-20
-30
-40
20
21
19
18
Start 100 MHz
Stop 3000 MHz
Start 100 MHz
Stop 3000 MHz
Start 100 MHz
Stop 3000 MHz
Start 100 MHz
Stop 3000 MHz
Start 100 MHz
Stop 3000 MHz
Start 100 MHz
Stop 3000 MHz
10
8
6
4
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
Input VSWR
Output VSWR
1 dB Comp. (dBm)


Similar Part No. - TM9064

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
TM90 SYSTEMSENSOR-TM90 Datasheet
481Kb / 2P
SMOKE DETECTORS
logo
Spectrum Microwave, Inc...
TM9019 SPECTRUM-TM9019 Datasheet
75Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
TM9019 APITECH-TM9019 Datasheet
76Kb / 1P
RF AMPLIFIER MODEL
logo
Spectrum Microwave, Inc...
TM9030 SPECTRUM-TM9030 Datasheet
117Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
TM9030 APITECH-TM9030 Datasheet
118Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - TM9064

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1005 SPECTRUM-BXMP1005 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
RF AMPLIFIER
BXMP1019 SPECTRUM-BXMP1019 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1031 SPECTRUM-BXMP1031 Datasheet
65Kb / 1P
RF AMPLIFIER
BXMP1035 SPECTRUM-BXMP1035 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8020 SPECTRUM-CZ8020 Datasheet
40Kb / 1P
RF AMPLIFIER
CZ8110 SPECTRUM-CZ8110 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8120 SPECTRUM-CZ8120 Datasheet
43Kb / 1P
RF AMPLIFIER
CZ8203 SPECTRUM-CZ8203 Datasheet
62Kb / 1P
RF AMPLIFIER
CZ8310 SPECTRUM-CZ8310 Datasheet
46Kb / 1P
RF AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com