Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK06G-R3S Datasheet(PDF) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK06G-R3S
Description  RESISTOR NETWORKS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK06G-R3S Datasheet(HTML) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK06G-R3S Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK06G-R3S Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK06G-R3S Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4
6
1
2
5
3
R1
R3
R2
AK06G-R3S
0.10"
0.60"
6 Pin SIP 3 Resistor Series (Isolated) Network
6
8
7
1
2
3
5
4
R1
R4
R3
R2
AK08G-R4S
0.10"
0.80"
8 Pin SIP 4 Resistor Series (Isolated) Network
9
10
1
2
3
4
5
6
7
8
R1
R5
R4
R3
R2
AK10G-R5S
0.10"
1.00"
10 Pin SIP 5 Resistor Series (Isolated) Network
PAGE 2-10/2012
9
10
1
2
3
4
5
6
7
8
R1
R5
R4
R3
R2
AK12G-R6S
0.10"
1.20"
12 Pin SIP 6 Resistor Series (Isolated) Network
11
12
R6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com