Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK10G-R5S Datasheet(PDF) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK10G-R5S
Description  RESISTOR NETWORKS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK10G-R5S Datasheet(HTML) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK10G-R5S Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK10G-R5S Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK10G-R5S Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
.1%, .25%
.1%, .25%
.1%, .25%
.1%, .25%
.1%, .25%
0.5%
1%
0.5%
1%
0.5%
1%
0.5%
1%
0.5%
1%
10.0
10.0
16.9
16.9
28.7
28.7
48.7
48.7
82.5
82.5
10.1
17.2
29.1
49.3
83.5
10.2
10.2
17.4
17.4
29.4
29.4
49.9
49.9
84.5
84.5
10.4
17.6
29.8
50.5
85.6
10.5
10.5
17.8
17.8
30.1
30.1
51.1
51.1
86.6
86.6
10.6
18.0
30.5
51.7
87.6
10.7
10.7
18.2
18.2
30.9
30.9
52.3
52.3
88.7
88.7
10.9
18.4
31.2
53.0
89.8
11.0
11.0
18.7
18.7
31.6
31.6
53.6
53.6
90.9
90.9
11.1
18.9
32.0
54.2
92.0
11.3
11.3
19.1
19.1
32.4
32.4
54.9
54.9
93.1
93.1
11.4
19.3
32.8
55.6
94.2
11.5
11.5
19.6
19.6
33.2
33.2
56.2
56.2
95.3
95.3
11.7
19.8
33.6
56.9
96.5
11.8
11.8
20.0
20.0
34.0
34.0
57.6
57.6
97.6
97.6
12.0
20.3
34.4
58.3
98.8
12.1
12.1
20.5
20.5
34.8
34.8
59.0
59.0
12.3
20.8
35.2
59.7
12.4
12.4
21.0
21.0
35.7
35.7
60.4
60.4
2%, 5%
10%
12.6
21.3
36.1
61.2
12.7
12.7
21.5
21.5
36.5
36.5
61.9
61.9
10
10
12.9
21.8
37.0
62.6
11
13.0
13.0
22.1
22.1
37.4
37.4
63.4
63.4
12
12
13.2
22.3
37.9
64.2
13
13.3
13.3
22.6
22.6
38.3
38.3
64.9
64.9
15
15
13.5
22.9
38.8
65.7
16
13.7
13.7
23.2
23.2
39.2
39.2
66.5
66.5
18
18
13.8
23.4
39.7
67.3
20
14.0
14.0
23.7
23.7
40.2
40.2
68.1
68.1
22
22
14.2
24.0
40.7
69.0
24
14.3
14.3
24.3
24.3
41.2
41.2
69.8
69.8
27
27
14.5
24.6
41.7
70.6
30
14.7
14.7
24.9
24.9
42.2
42.2
71.5
71.5
33
33
14.9
25.2
42.7
72.3
36
15.0
15.0
25.5
25.5
43.2
43.2
73.2
73.2
39
39
15.2
25.8
43.7
74.1
43
15.4
15.4
26.1
26.1
44.2
44.2
75.0
75.0
47
47
15.6
26.4
44.8
75.9
51
15.8
15.8
26.7
26.7
45.3
45.3
76.8
76.8
56
56
16.0
27.1
45.9
77.7
62
16.2
16.2
27.4
27.4
46.4
46.4
78.7
78.7
68
68
16.4
27.7
47.0
79.6
75
16.5
16.5
28.0
28.0
47.5
47.5
80.6
80.6
82
82
16.7
28.4
48.1
81.6
91
STANDARD RESISTANCE VALUES
Standard resistance values are obtained from the decade table lby multiplying by powrs of 10.
As an example, 1.3 can represent ohms, 1.33K, 13.3K, 133K, 1.33 megohms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com