Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK08G-R7T Datasheet(PDF) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK08G-R7T
Description  RESISTOR NETWORKS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK08G-R7T Datasheet(HTML) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK08G-R7T Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK08G-R7T Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK08G-R7T Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK08G-R7T Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE 3-10-2012
9
10
1
2
3
4
5
6
7
8
R1
R2
R9
R3
R4
R5
R6
R7
R8
AK10G-R9T
0.10"
1.00"
10 Pin SIP 9 Resistor Terminator (Bussed) Network
9
10
1
2
3
4
5
6
7
8
R1
R2
R9
R3
R4
R5
R6
R7
R8
AK11G-R10T
0.10"
1.10"
11 Pin SIP 10 Resistor Terminator (Bussed) Network
11
R10
9
10
1
2
3
4
5
6
7
8
R1
R2
R9
R3
R4
R5
R6
R7
R8
AK12G-R11T
0.10"
1.20"
12 Pin SIP 11 Resistor Terminator (Bussed) Network
11
12
R11
R10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com