Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK11G-R18DT Datasheet(PDF) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK11G-R18DT
Description  RESISTOR NETWORKS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK11G-R18DT Datasheet(HTML) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK11G-R18DT Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK11G-R18DT Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK11G-R18DT Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK11G-R18DT Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE 3-10/2012
8
10
1
2
3
4
5
6
7
9
R7
R14
R16
R1
R15
R4
R9
R10
R13
R11
R2
R6
R12
R8
R3
R5
AK10G-R16DT
0.10"
1.00"
10 Pin SIP 16 Resistor Divider/Terminator Network
8
10
1
2
3
4
5
6
7
9
R7
R14
R16
R1
R15
R4
R9
R10
R13
R11
R2
R6
R12
R8
R3
R5
AK11G-R18DT
0.10"
1.10"
11 Pin SIP 18 Resistor Divider/Terminator Network
11
R18
R17
8
10
1
2
3
4
5
6
7
9
R7
R14
R16
R1
R15
R4
R9
R10
R13
R11
R2
R6
R12
R8
R3
R5
AK12G-R20DT
0.10"
1.20"
12 Pin SIP 20 Resistor Divider/Terminator Network
12
11
R18
R20
R19
R17



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com