Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMB175 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # FMB175
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

FMB175 Datasheet(HTML) 1 Page - Advanced Semiconductor

  FMB175 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 100 mA
65
V
BVCES
IC = 100 mA
65
V
BVCEO
IC = 100 mA
35
V
BVEBO
IE = 10 mA
4.0
V
ICES
VCE = 28 V
15
mA
hFE
VCE = 5.0 V
IC = 5.0 A
20
200
---
COB
VCB = 28 V
f = 1.0 MHz
200
pF
PG
ηη
C
VCC = 28 V
POUT = 175 W
f = 108 MHz
10
65
dB
%
NPN SILICON RF POWER TRANSISTOR
FMB175
DESCRIPTION:
The
ASI FMB175 is Designed for
FEATURES:
•
•
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
20 A
VCBO
65 V
VCEO
36 V
VCES
65 V
VEBO
4.0 V
PDISS
270 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
0.7
OC/W
PACKAGE STYLE .500 6L FLG
ORDER CODE: ASI10589
MINIMUM
inches / mm
.490 / 12.45
.210 / 5.33
.003 / 0.08
B
C
D
E
F
G
A
MAXIMUM
.220 / 5.59
.007 / 0.18
.510 / 12.95
inches / mm
.725 / 18.42
H
DIM
K
L
I
J
.970 / 24.64
.980 / 24.89
.170 / 4.32
N
M
.120 / 3.05
.135 / 3.43
.150 / 3.43
.160 / 4.06
.125 / 3.18
.090 / 2.29
.105 / 2.67
.285 / 7.24
.150 / 3.81
.045 / 1.14
E
F
.725/18,42
I
G
J
K
L
M
A
D
C
B
2x ØN
FULL R
H
.835 / 21.21
.865 / 21.97
.210 / 5.33
.200 / 5.08


Similar Part No. - FMB175

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB100 FAIRCHILD-FMB100 Datasheet
44Kb / 3P
NPN Multi-Chip General Purpose Amplifier
FMB1020 FAIRCHILD-FMB1020 Datasheet
29Kb / 2P
NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
logo
DONGGUAN YOU FENG WEI E...
FMB10F YFWDIODE-FMB10F Datasheet
494Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current - 1A
logo
Dongguan Pingjingsemi T...
FMB10F-PJ PJSEMI-FMB10F-PJ Datasheet
1Mb / 3P
SURFACE MOUNT GLASS PASSIVATED BRI
logo
DONGGUAN YOU FENG WEI E...
FMB10S YFWDIODE-FMB10S Datasheet
497Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current - 1A
More results

Similar Description - FMB175

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com