Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-92 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TO-92
Description  N-Channel Depletion-Mode DMOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TO-92 Datasheet(HTML) 3 Page - Supertex, Inc

  TO-92 Datasheet HTML 1Page - Supertex, Inc TO-92 Datasheet HTML 2Page - Supertex, Inc TO-92 Datasheet HTML 3Page - Supertex, Inc TO-92 Datasheet HTML 4Page - Supertex, Inc TO-92 Datasheet HTML 5Page - Supertex, Inc TO-92 Datasheet HTML 6Page - Supertex, Inc TO-92 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
LND150
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Typical Performance Curves
Output Characteristics
6
5
4
3
2
1
0
0
250
500
Saturation Characteristics
6
5
4
3
2
1
0
0
1
2
3
5
4
Maximum Rated Safe Operating Area
1
1000
100
10
1
10
100
0.1
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0.001
10
0.01
0.1
1.0
Transconductance vs. Drain Current
10
8
6
4
2
0
0
10
2
4
6
Power Dissipation vs. Ambient Temperature
0
150
100
50
2
1
125
75
25
0.5V
8
0V
-0.5V
-1.0V
V
GS = 1.0V
0.5V
0V
-0.5V
-1.0V
0
0
TO-243AA
V
DS (V)
T
A = -55°C
I
D (milliamps)
T
A (°C)
V
DS (V)
t
P (seconds)
TO-243AA
T
A = 25°C
P
D = 1.2W
TO-92
P
D = 1.0W
T
C = 25°C
TO-92
TO-236 (DC)
TO-236AB
V
GS = 1.0V
V
DS = 400V
T
A = 25°C
300µs pulse
2% duty cycle
25°C
125°C
V
DS (V)
TO-92 (DC)
TO-243AA (DC)
Pulsed



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com